전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX584C13 데이터시트(PDF) 1 Page - Diode Semiconductor Korea

부품명 BZX584C13
상세설명  Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX584C13 데이터시트(HTML) 1 Page - Diode Semiconductor Korea

  BZX584C13 Datasheet HTML 1Page - Diode Semiconductor Korea BZX584C13 Datasheet HTML 2Page - Diode Semiconductor Korea BZX584C13 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zener Diode
BZX584C2V4-BZX584C51
FEATURES
Zener voltages:2.4V~51V.
Power dissipation PD:100mW.
APPLICATIONS
Zener diodes.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
BZX584C2V4-BZX584C51
see table on page 2
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Total power dissipation
Ptot
200
mW
Total resistance junction to ambient
RθJA
680
℃/W
Total resistance junction to soldering point
RθJS
100
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65-150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zener voltage range
Maximum zener
impedance
Maximum
Reverse
current
Typical
Temperature
Coeffiient @
IZT mV
/℃
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IR
VR
Type Number Marking
Nom(V) Min(V) Max(V) (mA)
(Ω)
(Ω)(mA) (μA)
(V)
Min
Max
BZX584C2V4
Z11
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX584C2V7
Z12
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX584C3V0
Z13
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX584C3V3
Z14
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX584C3V6
Z15
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX584C3V9
Z16
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX584C4V3
Z17
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX584C4V7
Z1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


유사한 부품 번호 - BZX584C13

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BZX584C13 PANJIT-BZX584C13 Datasheet
100Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
BZX584C13 PANJIT-BZX584C13 Datasheet
101Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
BZX584C13 CHENDA-BZX584C13 Datasheet
308Kb / 3P
   Zener Diode
logo
Jiangsu Changjiang Elec...
BZX584C13 JIANGSU-BZX584C13 Datasheet
759Kb / 5P
   ZENER DIODE
logo
SHENZHEN SLS TECHNOLOGY...
BZX584C13 SHENZHENSLS-BZX584C13 Datasheet
115Kb / 2P
   Plastic-Encapsulate Diodes
More results

유사한 설명 - BZX584C13

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com