전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC856B 데이터시트(PDF) 4 Page - Bruckewell Technology LTD

부품명 BC856B
상세설명  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC856B 데이터시트(HTML) 4 Page - Bruckewell Technology LTD

  BC856B Datasheet HTML 1Page - Bruckewell Technology LTD BC856B Datasheet HTML 2Page - Bruckewell Technology LTD BC856B Datasheet HTML 3Page - Bruckewell Technology LTD BC856B Datasheet HTML 4Page - Bruckewell Technology LTD BC856B Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC856A-BC858C
PNP SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC856A-BC858C]
© Bruckewell Technology Corporation Rev. A -2014
■RATINGS AND CHARACTERISTIC CURVES


유사한 부품 번호 - BC856B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Yea Shin Technology Co....
BC856B YEASHIN-BC856B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
Infineon Technologies A...
BC856B INFINEON-BC856B Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

유사한 설명 - BC856B

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com