전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846B 데이터시트(PDF) 1 Page - Bruckewell Technology LTD

부품명 BC846B
상세설명  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BC846B 데이터시트(HTML) 1 Page - Bruckewell Technology LTD

  BC846B Datasheet HTML 1Page - Bruckewell Technology LTD BC846B Datasheet HTML 2Page - Bruckewell Technology LTD BC846B Datasheet HTML 3Page - Bruckewell Technology LTD BC846B Datasheet HTML 4Page - Bruckewell Technology LTD BC846B Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC846A-BC848C
NPN SURFACE MOUNT SMALL
SIGNAL TRANSISTOR IN SOT23
Publication Order Number: [BC846A-BC848C]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Ideally Suited for Automatic Insertion
• Complementary PNP Types Available
• For switching and AF Amplifier
• RoHS compliant package
Mechanical Data
• Case: SOT-23 Molded plastic
• Epoxy: UL94V-O rate flame retardant
Packing & Order Information
3,000/Reel
Graphic symbol


유사한 부품 번호 - BC846B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC846B ONSEMI-BC846B Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Yea Shin Technology Co....
BC846B YEASHIN-BC846B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Weitron Technology
BC846B WEITRON-BC846B Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
FutureWafer Tech Co.,Lt...
BC846B FUTUREWAFER-BC846B Datasheet
1Mb / 13P
   NPN Silicon Epitaxial General Purpose Transistors
logo
SeCoS Halbleitertechnol...
BC846B SECOS-BC846B Datasheet
307Kb / 3P
   BC846A
More results

유사한 설명 - BC846B

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com