전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT165EE4 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT165EE4
상세설명  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT165EE4 데이터시트(HTML) 5 Page - Texas Instruments

  CD74HCT165EE4 Datasheet HTML 1Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 2Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 3Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 4Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 5Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 6Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 7Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 8Page - Texas Instruments CD74HCT165EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
PL Pulse Width
tWL
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time
tSU
2
80
-
100
-
120
-
ns
DS to CP
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
CE to CP
tSU(L)
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
D0-D7 to PL
tSU
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Hold Time
tH
2
35-45
-55-
ns
DS to CP or CE
4.5
7
-
9
-
11
-
ns
6
6
-8-9-
ns
CE to CP
tH
2
0
-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
Recovery Time
tREC
2
100
-
125
-
150
-
ns
PL to CP
4.5
20
-
25
-
30
-
ns
6
17-21
-26-
ns
Maximum Clock Pulse
Frequency
fMAX
2
6
-5-4-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
24
-
MHz
HCT TYPES
CP Pulse Width
tWL, tWH
4.5
18
-
23
-
27
-
ns
PL Pulse Width
tWL
4.5
20
-
25
-
30
-
ns
Set-up Time
DS to CP
tSU
4.5
20
-
25
-
30
-
ns
CE to CP
tSU(L)
4.5
20
-
25
-
30
-
ns
D0-D7 to PL
tSU
6
20-25
-30-
ns
Hold Time
DS to CP or CE
tH
4.5
7
-
9
-
11
-
ns
CE to CP
tS,tH
4.5
0-0-0-
ns
Recovery Time
PL to CP
tREC
4.5
20
-
25
-
30
-
ns
Maximum Clock Pulse
Frequency
fMAX
4.5
27
-
22
-
18
-
MHz
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165


유사한 부품 번호 - CD74HCT165EE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT165EE4 TI-CD74HCT165EE4 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
More results

유사한 설명 - CD74HCT165EE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com