전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMD000510 데이터시트(PDF) 23 Page - Texas Instruments

부품명 TMD000510
상세설명  Powerful 16-Bit TMS320C511A CPU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMD000510 데이터시트(HTML) 23 Page - Texas Instruments

Back Button TMD000510 Datasheet HTML 19Page - Texas Instruments TMD000510 Datasheet HTML 20Page - Texas Instruments TMD000510 Datasheet HTML 21Page - Texas Instruments TMD000510 Datasheet HTML 22Page - Texas Instruments TMD000510 Datasheet HTML 23Page - Texas Instruments TMD000510 Datasheet HTML 24Page - Texas Instruments TMD000510 Datasheet HTML 25Page - Texas Instruments TMD000510 Datasheet HTML 26Page - Texas Instruments TMD000510 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
TMS320C511A
DIGITAL SIGNAL PROCESSOR
SPRS053 – FEBRUARY 1997
23
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
device and development support tool nomenclature (continued)
Support tool development evolutionary flow:
TMDX
Development support product that has not yet completed Texas Instruments internal qualification
testing
TMDS
Fully qualified development support product
TMX and TMP devices and TMDX development support tools are shipped against the following disclaimer:
“Developmental product is intended for internal evaluation purposes.”
TMS devices and TMDS development support tools have been characterized fully, and the quality and reliability
of the device have been demonstrated fully. TI’s standard warranty applies.
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, N, FN, or GB) and temperature range (for example, L). Figure 2 provides a legend for reading the
complete device name for any TMS320 or TMX320 family member.
C
320
PREFIX: TMS = Fully-qualified production
DEVICE FAMILY:
320 = TMS320 Family
TECHNOLOGY:
C = CMOS
DEVICE: 511A
PACKAGE TYPE:
PZ = 100-pin plastic TQFP
PJ = 100-pin plastic QFP
TMS
511A PZ
Figure 2. Device Nomenclature
documentation support
Extensive documentation supports all of the TMS320 family devices from product announcement through
applications development. The types of documentation available include data sheets with design specifications,
user’s guides for all devices and development support tools, and three volumes of
Digital Signal Processing
Applications with the TMS320 Family (literature numbers SPRA012, SPRA016, and SPRA017).
The application book series describes hardware and software applications, including algorithms, for fixed and
floating-point TMS320 family devices. The
TMS320C5x User’s Guide (literature number SPRU056), which
describes in detail the fifth-generation TMS320 products, is also currently available.
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320 newsletter,
Details on Signal Processing, is published
quarterly and distributed to update TMS320 customers on product information. The TMS320 DSP bulletin board
service (BBS) provides access to information pertaining to the TMS320 family, including documentation, source
code and object code for many DSP algorithms and utilities. The BBS can be reached at 713/274-2323.
Information regarding TI DSP products is also available on the Worldwide Web at http://www.ti.com universal
resource language (URL).


유사한 부품 번호 - TMD000510

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 3P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A_07 Datasheet
100Kb / 3P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0708-2 TOSHIBA-TMD0708-2 Datasheet
86Kb / 2P
   POWER GAAS MMIC
More results

유사한 설명 - TMD000510

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST10F296E STMICROELECTRONICS-ST10F296E Datasheet
5Mb / 346P
   High performance 16-bit CPU with DSP functions
October 2008 Rev 2
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
NXP Semiconductors
S32V234 NXP-S32V234 Datasheet
1Mb / 90P
   ARM Cortex-M4, 32-bit CPU 16 KB/16 KB I-/D- L1 Cache
Rev. 9, 03/2020
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
logo
Megawin Technology Co.,...
MLC331B MEGAWIN-MLC331B Datasheet
493Kb / 30P
   Single chip 8-bit CPU
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
   Single Chip 8-bit CPU
MA014B MEGAWIN-MA014B Datasheet
206Kb / 14P
   Single chip 8-bit CPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com