전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T0DS6F 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M41T0DS6F
상세설명  SERIAL REAL-TIME CLOCK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0DS6F 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M41T0DS6F Datasheet HTML 2Page - STMicroelectronics M41T0DS6F Datasheet HTML 3Page - STMicroelectronics M41T0DS6F Datasheet HTML 4Page - STMicroelectronics M41T0DS6F Datasheet HTML 5Page - STMicroelectronics M41T0DS6F Datasheet HTML 6Page - STMicroelectronics M41T0DS6F Datasheet HTML 7Page - STMicroelectronics M41T0DS6F Datasheet HTML 8Page - STMicroelectronics M41T0DS6F Datasheet HTML 9Page - STMicroelectronics M41T0DS6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M41T0
6/20
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 2. Absolute Maximum Ratings
Note: 1. Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C for between 90 and 150
seconds).
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–55 to 125
°C
VCC
Supply Voltage
–0.3 to 7
V
TSLD
(1)
Lead Solder Temperature for 10 Seconds
260
°C
VIO
Input or Output Voltages
–0.3 to VCC + 0.3
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W


유사한 부품 번호 - M41T0DS6F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
185Kb / 22P
   Serial real-time clock
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
   Serial Access TIMEKEEPER
M41T00 STMICROELECTRONICS-M41T00 Datasheet
205Kb / 25P
   Serial real-time clock
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
332Kb / 44P
   Serial real-time clock with audio
M41T00AUDD1E STMICROELECTRONICS-M41T00AUDD1E Datasheet
332Kb / 44P
   Serial real-time clock with audio
More results

유사한 설명 - M41T0DS6F

제조업체부품명데이터시트상세설명
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com