전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1458DR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 MC1458DR
상세설명  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MC1458DR 데이터시트(HTML) 5 Page - Texas Instruments

  MC1458DR Datasheet HTML 1Page - Texas Instruments MC1458DR Datasheet HTML 2Page - Texas Instruments MC1458DR Datasheet HTML 3Page - Texas Instruments MC1458DR Datasheet HTML 4Page - Texas Instruments MC1458DR Datasheet HTML 5Page - Texas Instruments MC1458DR Datasheet HTML 6Page - Texas Instruments MC1458DR Datasheet HTML 7Page - Texas Instruments MC1458DR Datasheet HTML 8Page - Texas Instruments MC1458DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC1458, MC1558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS069C − FEBRUARY 1971 − REVISED AUGUST 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operating characteristics, VCC± = ±15 V, CL = 100 pF, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MC1458
MC1558
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
t
Rise time
VI = 20 mV,
RL = 2 kΩ,
0.3
0.3
μs
tr
Overshoot factor
VI = 20 mV,
RL = 2 kΩ
5
5
%
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ
0.5
0.5
V/μs
PARAMETER MEASUREMENT INFORMATION
VI
0 V
Input
Output
RL = 2 kΩ
CL = 100 pF
Test Circuit
Input Voltage
Waveform
Figure 1. Rise-Time, Overshoot, and Slew-Rate Waveform and Test Circuit


유사한 부품 번호 - MC1458DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MC1458DR TI-MC1458DR Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458DRE4 TI-MC1458DRE4 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - MC1458DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com