전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33063AD 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 MC33063AD
상세설명  1.5-A Peak Boost/Buck/Inverting Switching Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MC33063AD 데이터시트(HTML) 11 Page - Texas Instruments

Back Button MC33063AD Datasheet HTML 7Page - Texas Instruments MC33063AD Datasheet HTML 8Page - Texas Instruments MC33063AD Datasheet HTML 9Page - Texas Instruments MC33063AD Datasheet HTML 10Page - Texas Instruments MC33063AD Datasheet HTML 11Page - Texas Instruments MC33063AD Datasheet HTML 12Page - Texas Instruments MC33063AD Datasheet HTML 13Page - Texas Instruments MC33063AD Datasheet HTML 14Page - Texas Instruments MC33063AD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
R2
1.25 1
R1
æ
ö
-
+
ç
÷
è
ø
( )
out on
ripple pp
I
t
9
V
(
)
(
)
(
)
(
)
sat
in min
on max
pk switch
V
V
t
I
æ
ö
-
ç
÷
ç
÷
ç
÷
è
ø
(
)
pk switch
0.3
I
(
)
on
out max
off
t
2I
1
t
æ
ö
+
ç
÷
è
ø
5
on
4
10
t
-
´
(
)
on
off
off
t
t
t
+
-
on
off
on
off
t
t
t
1
t
+
+
1
f
out
F
in
sat
V
V
V
V
+
-
MC33063A, MC34063A
www.ti.com
SLLS636N – DECEMBER 2004 – REVISED JANUARY 2015
Typical Application (continued)
9.2.1.1 Design Requirements
The user must determine the following desired parameters:
Vsat = Saturation voltage of the output switch
VF = Forward voltage drop of the chosen output rectifier
The following power-supply parameters are set by the user:
Vin = Nominal input voltage
Vout = Desired output voltage
Iout = Desired output current
fmin = Minimum desired output switching frequency at the selected values of Vin and Iout
Vripple = Desired peak-to-peak output ripple voltage. The ripple voltage directly affects the line and load
regulation and, thus, must be considered. In practice, the actual capacitor value should be larger than the
calculated value, to account for the capacitor's equivalent series resistance and board layout.
9.2.1.2 Detailed Design Procedure
CALCULATION
VOLTAGE INVERTING
ton/toff
(ton + toff)
toff
ton
CT
Ipk(switch)
RSC
L(min)
CO
Vout
See Figure 8
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: MC33063A MC34063A


유사한 부품 번호 - MC33063AD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33063AD ONSEMI-MC33063AD Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC33063AD ONSEMI-MC33063AD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Fairchild Semiconductor
MC33063AD FAIRCHILD-MC33063AD Datasheet
46Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC33063AD ARTSCHIP-MC33063AD Datasheet
334Kb / 10P
   SMPS Controller
logo
ON Semiconductor
MC33063AD ONSEMI-MC33063AD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

유사한 설명 - MC33063AD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com