전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33063ADE4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 MC33063ADE4
상세설명  1.5-A Peak Boost/Buck/Inverting Switching Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MC33063ADE4 데이터시트(HTML) 4 Page - Texas Instruments

  MC33063ADE4 Datasheet HTML 1Page - Texas Instruments MC33063ADE4 Datasheet HTML 2Page - Texas Instruments MC33063ADE4 Datasheet HTML 3Page - Texas Instruments MC33063ADE4 Datasheet HTML 4Page - Texas Instruments MC33063ADE4 Datasheet HTML 5Page - Texas Instruments MC33063ADE4 Datasheet HTML 6Page - Texas Instruments MC33063ADE4 Datasheet HTML 7Page - Texas Instruments MC33063ADE4 Datasheet HTML 8Page - Texas Instruments MC33063ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MC33063A, MC34063A
SLLS636N – DECEMBER 2004 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
40
V
VIR
Comparator inverting input voltage range
–0.3
40
V
VC(switch)
Switch collector voltage
40
V
VE(switch)
Switch emitter voltage
VPIN1 = 40 V
40
V
VCE(switch)
Switch collector to switch emitter voltage
40
V
VC(driver)
Driver collector voltage
40
V
IC(driver)
Driver collector current
100
mA
ISW
Switch current
1.5
A
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
40
V
MC33063A
–40
85
TA
Operating free-air temperature
°C
MC34063A
0
70
7.4 Thermal Information
MC33063A
THERMAL METRIC(1)
D
DRJ
P
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
97
41
85
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics—Oscillator
VCC = 5 V, TA = full operating range (unless otherwise noted) (see block diagram)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
fosc
Oscillator frequency
VPIN5 = 0 V, CT = 1 nF
25°C
24
33
42
kHz
Ichg
Charge current
VCC = 5 V to 40 V
25°C
24
35
42
μA
Idischg
Discharge current
VCC = 5 V to 40 V
25°C
140
220
260
μA
Idischg/Ichg
Discharge-to-charge current ratio
VPIN7 = VCC
25°C
5.2
6.5
7.5
VIpk
Current-limit sense voltage
Idischg = Ichg
25°C
250
300
350
mV
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: MC33063A MC34063A


유사한 부품 번호 - MC33063ADE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MC33063ADE4 TI-MC33063ADE4 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063ADE4 TI-MC33063ADE4 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
More results

유사한 설명 - MC33063ADE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com