전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX232EINE4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 MAX232EINE4
상세설명  Dual RS-232 Driver and Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232EINE4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button MAX232EINE4 Datasheet HTML 3Page - Texas Instruments MAX232EINE4 Datasheet HTML 4Page - Texas Instruments MAX232EINE4 Datasheet HTML 5Page - Texas Instruments MAX232EINE4 Datasheet HTML 6Page - Texas Instruments MAX232EINE4 Datasheet HTML 7Page - Texas Instruments MAX232EINE4 Datasheet HTML 8Page - Texas Instruments MAX232EINE4 Datasheet HTML 9Page - Texas Instruments MAX232EINE4 Datasheet HTML 10Page - Texas Instruments MAX232EINE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
≤10 ns
VCC
RIN
ROUT
RL = 1.3 kW
See Note C
CL = 50 pF
(see Note B)
TEST CIRCUIT
≤10 ns
Input
Output
tPHL
tPLH
1.5 V
VOL
VOH
0 V
3 V
10%
90%
50%
500 ns
WAVEFORMS
1.5 V
90%
50%
10%
Pulse
Generator
(see Note A)
7
MAX232E
www.ti.com
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
Product Folder Links: MAX232E
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
A.
The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B.
CL includes probe and jig capacitance.
C.
All diodes are 1N3064 or equivalent.
Figure 5. Receiver Test Circuit and Waveforms for tPHL and tPLH Measurements


유사한 부품 번호 - MAX232EINE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MAX232EINE4 TI-MAX232EINE4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232EINE4 TI-MAX232EINE4 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EINE4 TI-MAX232EINE4 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EINE4 TI-MAX232EINE4 Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
More results

유사한 설명 - MAX232EINE4

제조업체부품명데이터시트상세설명
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com