전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC37N3869 데이터시트(PDF) 8 Page - SMSC Corporation

부품명 FDC37N3869
상세설명  3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N3869 데이터시트(HTML) 8 Page - SMSC Corporation

Back Button FDC37N3869 Datasheet HTML 4Page - SMSC Corporation FDC37N3869 Datasheet HTML 5Page - SMSC Corporation FDC37N3869 Datasheet HTML 6Page - SMSC Corporation FDC37N3869 Datasheet HTML 7Page - SMSC Corporation FDC37N3869 Datasheet HTML 8Page - SMSC Corporation FDC37N3869 Datasheet HTML 9Page - SMSC Corporation FDC37N3869 Datasheet HTML 10Page - SMSC Corporation FDC37N3869 Datasheet HTML 11Page - SMSC Corporation FDC37N3869 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
SMSC DS – FDC37N3869
Page 8
Rev. 10/25/2000
PIN CONFIGURATION
FIGURE 1 - FDC37N3869 PIN CONFIGURATION
FDC37N869
100 PIN TQFP
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
DRQ_B
D3
D2
D1
D0
VSS
AEN
nIOW
nIOR
A9
A8
A7
CLK33
SIRQ
A12
A11
nDACK_B
TC
A6
A5
A4
A3
A2
A1
A0
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
RXD1
TXD1
nDSR1
nRTS1
nCTS1
nDTR1
nRI1
nDCD1
nRI2
nDCD2
RXD2
TXD2
nDSR2
nRTS2
nCTS2
nDTR2
nADRX/nCLKRUN
VSS
nDACK_C
A10
IRQIN
DRQ_C
IOCHRDY
DRVDEN0
nMTR0
FDC37N3869
100 PIN TQFP


유사한 부품 번호 - FDC37N3869

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
More results

유사한 설명 - FDC37N3869

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
   WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com