전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL2505S 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRL2505S
상세설명  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL2505S 데이터시트(HTML) 3 Page - International Rectifier

  IRL2505S Datasheet HTML 1Page - International Rectifier IRL2505S Datasheet HTML 2Page - International Rectifier IRL2505S Datasheet HTML 3Page - International Rectifier IRL2505S Datasheet HTML 4Page - International Rectifier IRL2505S Datasheet HTML 5Page - International Rectifier IRL2505S Datasheet HTML 6Page - International Rectifier IRL2505S Datasheet HTML 7Page - International Rectifier IRL2505S Datasheet HTML 8Page - International Rectifier IRL2505S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRL2505S/L
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, J unc tion T em perature (°C )
V
= 1 0V
GS
A
I
= 90 A
D
1
10
100
1000
0.1
1
1 0
1 0 0
V
, D rain-to-S o urce V oltage (V )
DS
A
20µ s P U LS E W ID T H
T
= 2 5°C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.5V
2.5V
1
10
100
1000
0.1
1
1 0
1 0 0
V
, D rain-to-S ource V oltage (V )
DS
A
20µ s P U LS E W ID T H
T
= 175°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM 2.5V
2.5V
J
1
10
100
1000
2.5
3.5
4.5
5.5
6.5
7.5
T = 25 °C
J
GS
V
, G ate-to -S ou rce V oltage (V )
T = 175°C
J
A
V
= 2 5 V
20µs PU LSE W ID TH
DS


유사한 부품 번호 - IRL2505S

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL2505S ISC-IRL2505S Datasheet
262Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL2505SPBF IRF-IRL2505SPBF Datasheet
288Kb / 10P
   HEXFET Power MOSFET
IRL2505SPBF IRF-IRL2505SPBF Datasheet
297Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL2505SPBF IRF-IRL2505SPBF_15 Datasheet
297Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRL2505S

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com