전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3420A 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TP3420A
상세설명  TP3420A ISDN S/T Interface Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TP3420A 데이터시트(HTML) 4 Page - Texas Instruments

  TP3420A_11 Datasheet HTML 1Page - Texas Instruments TP3420A_11 Datasheet HTML 2Page - Texas Instruments TP3420A_11 Datasheet HTML 3Page - Texas Instruments TP3420A_11 Datasheet HTML 4Page - Texas Instruments TP3420A_11 Datasheet HTML 5Page - Texas Instruments TP3420A_11 Datasheet HTML 6Page - Texas Instruments TP3420A_11 Datasheet HTML 7Page - Texas Instruments TP3420A_11 Datasheet HTML 8Page - Texas Instruments TP3420A_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Pin Descriptions (Continued)
Name
Description
FS
a
In NT modes and TES mode, this pin is
the Transmit Frame Sync pulse
TTL/CMOS input, requiring a positive
edge to indicate the start of the active
channel time for transmit “B” and “D”
channel data into B
x. In TEM mode only,
this pin is a digital output pulse whose
positive indicates the start of the “B”
channel data transfer at both B
x and Br.
FS
b
(Pin 11)
In NT modes and TES mode, this pin is
the Receive Frame Sync pulse
TTL/CMOS input, requiring a positive
edge to indicate the start of the active
channel time of the device for receive “B”
and “D” channel data out from B
r.InTEM
mode only, when digital interface Format
1 is selected, this pin is an 8-bit wide
pulse which indicates the active slot for
the B2 channel on the digital interface.
The DCKE command will alter the
function of this pin. See
Table 2 for
details.
B
x
TTL/CMOS input for “B” and “D” channel
data to be transmitted to the line; must be
synchronous with BCLK.
B
r
CMOS output for “B” and “D” channel
data received from the line, which is
synchronous with BCLK. When not
shifting data, this pin is TRI-STATE®.
DEN
x/p2
(Pin 8)
In TEM mode, this pin by default is a
CMOS output which is normally low and
pulses high to indicate the active bit-times
for “D” channel Transmit data at the B
x
input. It is intended to be gated with
BCLK to control the shifting of data from
layer 2 device to the TP3420A transmit
buffer.
In NT modes, this pin by default is a
pulse output (DEN
x) which occurs in
every 8 KHz frame and indicates the
location of D channel data input on the B
x
pin.
In TES mode, this pin by default is an
output synchronized clock (SCLK) at the
frequency selected by the Digital
Interface Format. This clock is
phase-locked to the received line signal,
and is intended to be used as the BCLK
source.
This pin called P2 in
Table 1 can also be
programmed to provide alternate
functions. See
Table 1 for details.
CI
MICROWIRE control channel serial data
TTL/CMOS input.
Name
Description
CO
Control channel serial data CMOS output
for status information. When not enabled
by CS, this output is TRI-STATE.
CCLK
TTL/CMOS clock input for the Control
Channel.
CS
Chip Select input which enables the
control channel data to be shifted in and
out when pulled low. When high, this pin
inhibits the Control interface.
INT
Interrupt output, a latched n-channel
open-drain output signal which is
normally high impedance, and goes low
to indicate a change of status of the loop
transmission system.
LSD/P1
(Pin 18)
In all modes, this pin by default is the
Line Signal Detect output, an n-channel
open-drain output which is normally
high-impedance, but pulls low when the
device is powered down and a received
line signal is detected. It is intended to be
used to “wake-up” a microprocessor from
a low-power idle mode. This output is
high impedance when the device is
powered up.
This pin P1 in
Table 1 can also be
programmed to provide alternate
functions. See
Table 1 for details.
L
o+, Lo
Transmit AMI signal differential outputs to
the line transformer. When used with a
2:1 step-down transformer, the line signal
conforms to the output pulse masks in
I.430.
L
i+, Li
Receive AMI signal differential inputs
from the line transformer. The L
i− pin is
also the internal voltage reference pin,
and must be decoupled to GND with a 10
µf capacitor in parallel with a 0.1 µF
ceramic capacitor.
Note 1: Crystal specification: 15.36 MHz parallel resonant; Rs ≤ 150Ω,
CL = 20 pF and CO < 7pF.
Note 2: The 33 pF includes any board capacitance.
ALTERNATE PIN FUNCTIONS
With a MICROWIRE command PINDEF (B'1110 0 x2 x1 x0)
the pin signal functions of these pins can be changed to pro-
vide alternate functions (see
Table 1 and the MICROWIRE
command in
Table 4). “*” indicates the default pin function af-
ter a device mode selection. Power-up default device mode
is NTA.
www.national.com
3


유사한 부품 번호 - TP3420A_11

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
TP3420AJ NSC-TP3420AJ Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AN NSC-TP3420AN Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV NSC-TP3420AV Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
   Engineering Project Manager
More results

유사한 설명 - TP3420A_11

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3421 NSC-TP3421 Datasheet
816Kb / 18P
   ISDN S / T INTERFACE DEVICE WITH GCI ( GENERAL CIRCUIT INTERFACE )
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Winbond
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
   ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com