전자부품 데이터시트 검색엔진 |
|
LM2901V 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
LM2901V 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 19 page LM139, LM139A, LM239, LM239A, LM339, LM339A, LM2901, LM2901V QUAD DIFFERENTIAL COMPARATORS SLCS006L − OCTOBER 1979 − REVISED JUNE 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA VIOmax AT 25 °C MAX VCC PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (N) Tube of 25 LM339N LM339N SOIC (D) Tube of 50 LM339D LM339 SOIC (D) Reel of 2500 LM339DR LM339 5 mV 30 V SOP (NS) Reel of 2000 LM339NSR LM339 5 mV 30 V SSOP (DB) Reel of 2000 LM339DBR LM339 TSSOP (PW) Tube of 90 LM339PW L339 0 °C to 70°C TSSOP (PW) Reel of 2000 LM339PWR L339 0 °C to 70°C PDIP (N) Tube of 25 LM339AN LM339AN SOIC (D) Tube of 50 LM339AD LM339A SOIC (D) Reel of 2500 LM339ADR LM339A 2 mV 30 V SOP (NS) Reel of 2000 LM339ANSR LM339A 2 mV 30 V SSOP (DB) Reel of 2000 LM339ADBR L339A TSSOP (PW) Tube of 90 LM339APW L339A TSSOP (PW) Reel of 2000 LM339APWR L339A PDIP (N) Tube of 25 LM239N LM239N SOIC (D) Tube of 50 LM239D LM239 5 mV 30 V SOIC (D) Reel of 2500 LM239DR LM239 −25 °C to 85°C 5 mV 30 V TSSOP (PW) Tube of 90 LM239PW L239 −25 C to 85 C TSSOP (PW) Reel of 2000 LM239PWR L239 2 mV 30 V SOIC (D) Tube of 50 LM239AD LM239A 2 mV 30 V SOIC (D) Reel of 2500 LM239ADR LM239A PDIP (N) Tube of 25 LM2901N LM2901N SOIC (D) Tube of 50 LM2901D LM2901 7 mV 30 V SOIC (D) Reel of 2500 LM2901DR LM2901 7 mV 30 V SOP (NS) Reel of 2000 LM2901NSR LM2901 −40 °C to 125°C TSSOP (PW) Tube of 90 LM2901PW L2901 −40 °C to 125°C TSSOP (PW) Reel of 2000 LM2901PWR L2901 7 mV 32 V SOIC (D) Reel of 2500 LM2901VQDR L2901V 7 mV 32 V TSSOP (PW) Reel of 2000 LM2901VQPWR L2901V 2 mV 32 V SOIC (D) Reel of 2500 LM2901AVQDR L2901AV 2 mV 32 V TSSOP (PW) Reel of 2000 LM2901AVQPWR L2901AV † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |
유사한 부품 번호 - LM2901V |
|
유사한 설명 - LM2901V |