전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0152PWPR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA0152PWPR
상세설명  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0152PWPR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA0152PWPR Datasheet HTML 5Page - Texas Instruments TPA0152PWPR Datasheet HTML 6Page - Texas Instruments TPA0152PWPR Datasheet HTML 7Page - Texas Instruments TPA0152PWPR Datasheet HTML 8Page - Texas Instruments TPA0152PWPR Datasheet HTML 9Page - Texas Instruments TPA0152PWPR Datasheet HTML 10Page - Texas Instruments TPA0152PWPR Datasheet HTML 11Page - Texas Instruments TPA0152PWPR Datasheet HTML 12Page - Texas Instruments TPA0152PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.ti.com
-100
-120
20
100
-80
1k
10k
RL = 32 Ω
C(BYP) = 0.47 µF
SE
AV = 6 dB
-60
-40
-20
0
f - Frequency - Hz
20k
AV = 14 dB
-120
-80
20
100
1k
10k 20k
f - Frequency - Hz
-90
-100
-110
PO = 1 W
RL = 8 Ω
AV = 20 dB
BTL
-70
-60
Left to Right
Right to Left
-50
-40
-120
-40
20
100
1k
10k 20k
f - Frequency - Hz
-60
-80
-100
VO = 1 VRMS
RL = 10 kΩ
AV = 6 dB
SE
-20
0
Left to Right
Right to Left
−120
−80
20
100
1k
10k 20k
f − Frequency − Hz
−90
−100
−110
PO = 1 W
RL = 8 Ω
AV = 6 dB
BTL
−70
−60
Left to Right
Right to Left
−50
−40
TPA0152
SLOS246F – JUNE 1999 – REVISED SEPTEMBER 2004
SUPPLY RIPPLE REJECTION RATIO
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
9


유사한 부품 번호 - TPA0152PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0152PWP TI-TPA0152PWP Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

유사한 설명 - TPA0152PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com