전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0172 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA0172
상세설명  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0172 데이터시트(HTML) 3 Page - Texas Instruments

  TPA0172_16 Datasheet HTML 1Page - Texas Instruments TPA0172_16 Datasheet HTML 2Page - Texas Instruments TPA0172_16 Datasheet HTML 3Page - Texas Instruments TPA0172_16 Datasheet HTML 4Page - Texas Instruments TPA0172_16 Datasheet HTML 5Page - Texas Instruments TPA0172_16 Datasheet HTML 6Page - Texas Instruments TPA0172_16 Datasheet HTML 7Page - Texas Instruments TPA0172_16 Datasheet HTML 8Page - Texas Instruments TPA0172_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADDRESS0
4
I
Bit 0 of user-setable portion of device’s I2C address.
ADDRESS1
10
I
Bit 1 of user-setable portion of device’s I2C address.
BYPASS
21
Tap to voltage divider for internal midsupply bias generator.
GND
1, 13
Ground connection for circuitry. Connect to thermal pad
LHPIN
7
I
Left-channel headphone input, selected when SE/BTL is held high, or programmed via I2C.
LIN
5
I
Common left input for fully differential input. AC ground for single-ended inputs.
LLINEIN
6
I
Left-channel line input, selected when SE/BTL is held low, or programmed via I2C.
LOUT+
2
O
Left-channel positive output in BTL mode, and positive output in SE mode.
LOUT−
24
O
Left-channel negative output in BTL mode, and high impedance in SE mode.
PC-BEEP
3
I
The input for PC-BEEP mode which is enabled when a > 1-V (peak-to-peak) square wave is input to this
terminal, when PCB ENABLE is held high, or programmed via I2C. If not used, ground this terminal.
I2CVDD
16
I
The voltage on this terminal sets the trip points for the I2C interface. If the system I2C bus is running at 3.3 V,
then tie this terminal to 3.3 V. If the system I2C bus is running at 5 V, then tie this terminal to 5 V.
PVDD
8, 19
I
Power supply
RHPIN
17
I
Right-channel headphone input, selected when SE/BTL is held high, or programmed via I2C.
RIN
9
I
Common right input for fully differential input. AC ground for single-ended inputs.
RLINEIN
18
I
Right-channel line input, selected when SE/BTL is held low, or programmed via I2C.
ROUT+
12
O
Right-channel positive output in BTL mode, and positive output in SE mode.
ROUT−
14
O
Right-channel negative output in BTL mode, and high impedance in SE mode.
SCL
23
I
I2C clock line
SDA
15
Serial data line of the I2C bus. Pullup resistor must comply with the I2C standard: minimum value = 3 k
Ω,
maximum value = 19 k
Ω. Pull up to I2CVDD
SE/BTL
11
I
Input MUX control input. When this terminal is held high, the LHPIN or RHPIN, and the SE output are
selected. When this terminal is held low, the LLINEIN or RLINEIN, and the BTL output are selected. This
functionality can also be programmed via I2C.
SHUTDOWN
22
I
When held low, this terminal places the device in the shutdown mode, except for the PC-BEEP input and the
I2C bus.
VDD
20
I
Power supply


유사한 부품 번호 - TPA0172_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results

유사한 설명 - TPA0172_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com