전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0172PWPG4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPA0172PWPG4
상세설명  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0172PWPG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA0172PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 9Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 10Page - Texas Instruments TPA0172PWPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
PO = 75 mW
RL = 32 Ω
AV = 14 to 0 dB
Mode = SE
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
Figure 6
10
0.01
0.1
1
1m
500m
10m
100m 200m
f = 20 kHz
f = 20 Hz
f = 1 kHz
RL = 32 Ω
AV = 14 to 0 dB
Mode = SE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W
Figure 7
10
100
1 k
10 k
0
20
40
60
80
VDD = 5 V,
RL = 8 Ω,
Mode = BTL,
Right Channel
f − Frequency − Hz
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
AV = 20 dB
20 k
10
30
50
70
AV = 6 dB
Figure 8
−100
0
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
RL = 8 Ω
CB = 0.47 µF
Mode = BTL
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
AV = 6 dB
f − Frequency − Hz
AV = 20 dB


유사한 부품 번호 - TPA0172PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0172PWP TI-TPA0172PWP Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results

유사한 설명 - TPA0172PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com