전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0202 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA0202
상세설명  2-W STEREO AUDIO POWER AMPLIFIER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0202 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA0202 Datasheet HTML 3Page - Texas Instruments TPA0202 Datasheet HTML 4Page - Texas Instruments TPA0202 Datasheet HTML 5Page - Texas Instruments TPA0202 Datasheet HTML 6Page - Texas Instruments TPA0202 Datasheet HTML 7Page - Texas Instruments TPA0202 Datasheet HTML 8Page - Texas Instruments TPA0202 Datasheet HTML 9Page - Texas Instruments TPA0202 Datasheet HTML 10Page - Texas Instruments TPA0202 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
TPA0202
2-W STEREO AUDIO POWER AMPLIFIER
SLOS205B – FEBRUARY 1998 – REVISED DECEMBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD + N
Total harmonic distortion plus noise
vs Frequency
4, 5, 7, 8, 11, 12, 14, 15, 17, 18, 20,
21, 23, 24, 26, 27, 29, 30 32, 33
THD + N
Total harmonic distortion plus noise
vs Output power
3, 6, 9, 10, 13, 16, 19, 22, 25, 28, 31,
34
Vn
Output noise voltage
vs Frequency
35,36
Supply ripple rejection ratio
vs Frequency
37,38
Crosstalk
vs Frequency
39 – 42
Open loop response
vs Frequency
43,44
Closed loop response
vs Frequency
45, 48
IDD
Supply current
vs Supply voltage
49
PO
Output power
vs Supply voltage
vs Load resistance
50, 51
52, 53
PD
Power dissipation
vs Output power
54 – 57
Figure 3
0.1
0.01
0
0.25 0.5 0.75
1
1.25 1.5
1
10
1.75
2
2.25 2.5
PO – Output Power – W
VDD = 5 V
f = 1 kHz
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 8 Ω
RL = 3 Ω
Figure 4
0.01
10
20
100
1 k
10 k 20 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1
0.1
VDD = 5 V
PO = 1.5 W
RL = 4 Ω
BTL
AV = –2 V/V
AV = –20 V/V
AV = –10 V/V (RL = 3 Ω, PO = 2 W)
AV = –10 V/V


유사한 부품 번호 - TPA0202

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWP TI-TPA0202PWP Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA0202

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com