전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2031D1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2031D1
상세설명  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2031D1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA2031D1 Datasheet HTML 2Page - Texas Instruments TPA2031D1 Datasheet HTML 3Page - Texas Instruments TPA2031D1 Datasheet HTML 4Page - Texas Instruments TPA2031D1 Datasheet HTML 5Page - Texas Instruments TPA2031D1 Datasheet HTML 6Page - Texas Instruments TPA2031D1 Datasheet HTML 7Page - Texas Instruments TPA2031D1 Datasheet HTML 8Page - Texas Instruments TPA2031D1 Datasheet HTML 9Page - Texas Instruments TPA2031D1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8 2
VDD = 2.5 V,
RL = 4 Ω, 33 µH
Class AB.
VDD = 5 V,
RL = 4 Ω
PO − Output Power − W
VDD = 3.6 V,
RL = 4 Ω, 33 µH
VDD = 5 V,
RL = 4 Ω,
33
µH
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
VDD = 2.5 V,
RL = 8 Ω, 33 µH
VDD = 5 V,
RL = 8 Ω, 33 µH
Class AB.
VDD = 5 V,
RL = 8 Ω
PO − Output Power − W
1.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
PO − Output Power − W
Class-AB 5 V, 8
VDD = 5 V, RL = 8 Ω
Class-AB 5 V, 4
VDD = 5 V, RL = 4 Ω,
PO − Output Power − W
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDD = 5 V
VDD = 3.6 V
RL = 8 Ω, 33 µH
VDD = 2.5 V
PO − Output Power − W
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
Class-AB 3.6 V, 4
Class-AB 3.6 V, 8
VDD = 3.6 V,
RL = 8 Ω, 33 µH
VDD = 3.6 V, RL = 4 Ω
0
100
200
300
400
500
600
0
0.5
1
1.5
2
2.5
PO − Output Power − W
VDD = 5 V,
VDD = 3.6 V
RL = 4 Ω, 33 µH
VDD = 2.5 V
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
Shutdown Voltage − V
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
0
0.5
1
1.5
2
2.5
3
4
8
12
16
20
24
28
32
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
RL − Load Resistance − Ω
PO at 10% THD
Gain = 2 V/V
f = 1 kHz
2
2.5
3
3.5
4
4.5
5
RL = 8 Ω,
33
µH
No Load
2.5
3
3.5
4
4.5
5
5.5
VDD − Supply Voltage − V
RL = 8 Ω, (resistive)
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
EFFICIENCY
EFFICIENCY
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
POWER DISSIPATION
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
SUPPLY CURRENT
SUPPLY CURRENT
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
LOAD RESISTANCE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


유사한 부품 번호 - TPA2031D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1YZF TI-TPA2031D1YZF Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1YZFR TI-TPA2031D1YZFR Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1YZFT TI-TPA2031D1YZFT Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2031D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com