전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA721DGNR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA721DGNR
상세설명  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA721DGNR 데이터시트(HTML) 3 Page - Texas Instruments

  TPA721DGNR Datasheet HTML 1Page - Texas Instruments TPA721DGNR Datasheet HTML 2Page - Texas Instruments TPA721DGNR Datasheet HTML 3Page - Texas Instruments TPA721DGNR Datasheet HTML 4Page - Texas Instruments TPA721DGNR Datasheet HTML 5Page - Texas Instruments TPA721DGNR Datasheet HTML 6Page - Texas Instruments TPA721DGNR Datasheet HTML 7Page - Texas Instruments TPA721DGNR Datasheet HTML 8Page - Texas Instruments TPA721DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
TPA721
SLOS231E – NOVEMBER 1998 – REVISED JUNE 2004
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
D
725 mW
5.8 mW/
°C
464 mW
377 mW
DGN
2.14 W(1)
17.1 mW/
°C
1.37 W
1.11 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(SLMA002), for more information on the PowerPAD package. The thermal data was measured on a
PCB layout based on the information in the section entitled Texas Instruments Recommended Board
for PowerPAD on page 33 of that document.
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level voltage, (SHUTDOWN)
0.9 VDD
V
VIL
Low-level voltage, (SHUTDOWN)
0.1 VDD
V
TA
Operating free-air temperature
–40
85
°C
at specified free-air temperature, V
DD = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, RL = 8 Ω, RF = 10 kΩ
20
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
85
dB
IDD
Supply current
SHUTDOWN = 0 V, RF = 10 k
1.25
2.5
mA
IDD(SD)
Supply current, shutdown mode (see Figure 4)
SHUTDOWN = VDD, RF = 10 kΩ
7
50
µA
|IIH|
SHUTDOWN, VDD = 3.3 V, Vi = 3.3 V
1
µA
|IIL|
SHUTDOWN, VDD = 3.3 V, Vi = 0 V
1
µA
V
DD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (1)
THD = 0.5%,
See Figure 9
250
mW
THD + N
Total harmonic distortion plus noise
PO = 250 mW,
f = 200 Hz to 4 kHz, See Figure 7
0.55%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%, See Figure 7
20
kHz
B1
Unity-gain bandwidth
Open loop,
See Figure 15
1.4
MHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CB = 1 µF, See Figure 2
79
dB
Vn
Noise output voltage
Gain = 1,
CB = 0.1 µF, See Figure 19
17
µV(rms)
(1)
Output power is measured at the output terminals of the device at f = 1 kHz.
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, RL = 8 Ω, RF = 10 kΩ
20
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
78
dB
IDD
Supply current
SHUTDOWN = 0 V, RF = 10 k
1.25
2.5
mA
IDD(SD)
Supply current, shutdown mode (see Figure 4)
SHUTDOWN = VDD, RF = 10 kΩ
50
100
µA
|IIH|
SHUTDOWN, VDD = 5.5 V, Vi = VDD
1
µA
|IIL|
SHUTDOWN, VDD = 5.5 V, Vi = 0 V
1
µA
3


유사한 부품 번호 - TPA721DGNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA721DGNR TI-TPA721DGNR Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721DGNRG4 TI-TPA721DGNRG4 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA721DGNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com