전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD12S520RMNR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD12S520RMNR
상세설명  TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S520RMNR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPD12S520RMNR Datasheet HTML 6Page - Texas Instruments TPD12S520RMNR Datasheet HTML 7Page - Texas Instruments TPD12S520RMNR Datasheet HTML 8Page - Texas Instruments TPD12S520RMNR Datasheet HTML 9Page - Texas Instruments TPD12S520RMNR Datasheet HTML 10Page - Texas Instruments TPD12S520RMNR Datasheet HTML 11Page - Texas Instruments TPD12S520RMNR Datasheet HTML 12Page - Texas Instruments TPD12S520RMNR Datasheet HTML 13Page - Texas Instruments TPD12S520RMNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPD12S520
SLVS640F – OCTOBER 2007 – REVISED FEBRUARY 2015
www.ti.com
8.2.2 Detailed Design Procedure
To begin the design process the designer needs to know the 5V_SUPPLY voltage range and the logic level,
LV_SUPPLY, voltage range.
8.2.3 Application Curves
Figure 7. HDMI 1.65Gbps Eye Diagram With TPD12S520 on
Figure 8. HDMI 1.65Gbps Eye Diagram Without TPD12S520
a Test Board
on a Test Board
Figure 9. Test Board to Measure Eye Diagram for the TPD12S520 (Refer to Eye Diagram Plot)
9 Power Supply Recommendations
This device is designed to operate from an input voltage range of between 1.0 V and 5.5 V. This input supply
should be well regulated. If the input supply is more than a few inches from TPD12S520 additional bulk
capacitance may be required in addition to the ceramic bypass capacitors. Otherwise, the device is a passive
ESD protection device and there is no need to power it. Care should be taken to not violate the maximum
voltage specifications to ensure that the device functions properly. The 5V_SUPPLY TVS diode can tolerate up
to 6 V.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S520


유사한 부품 번호 - TPD12S520RMNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
More results

유사한 설명 - TPD12S520RMNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com