전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD12S520 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD12S520
상세설명  TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S520 데이터시트(HTML) 4 Page - Texas Instruments

  TPD12S520 Datasheet HTML 1Page - Texas Instruments TPD12S520 Datasheet HTML 2Page - Texas Instruments TPD12S520 Datasheet HTML 3Page - Texas Instruments TPD12S520 Datasheet HTML 4Page - Texas Instruments TPD12S520 Datasheet HTML 5Page - Texas Instruments TPD12S520 Datasheet HTML 6Page - Texas Instruments TPD12S520 Datasheet HTML 7Page - Texas Instruments TPD12S520 Datasheet HTML 8Page - Texas Instruments TPD12S520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPD12S520
SLVS640F – OCTOBER 2007 – REVISED FEBRUARY 2015
www.ti.com
Pin Functions (continued)
PIN NO.
ESD
NAME
TYPE
DESCRIPTION
LEVEL
DBT
RMN
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to
DDC_DAT_OUT
21
1
IO
8 kV(3)
connector
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to
DDC_CLK_OUT
22
2
IO
8 kV(3)
connector
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to
CE_REMOTE_OUT
23
3
IO
8 kV(3)
connector
ESD bypass. This pin must be connected to a 0.1-
μF ceramic
ESD_BYP
37
11
IO
2 kV(1)
capacitor.
NC
38
NA
No connection
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V5V_SUPPLY
Supply voltage
–0.3
6
V
VLV_SUPPLY
VI/O
DC voltage at any channel input
–0.5
6
V
TA
Operating Free Air Temperature
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per MIL-STD-
See Pin Configuration
883, Method 3015, CDISCHARGE = 100 pF,
±2000
and Functions
RDISCHARGE = 1.5 kΩ
(1)
V(ESD)
Electrostatic discharge
V
See Pin Configuration
IEC 61000-4-2 Contact Discharge(2)
±8000
and Functions
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
TA
Operating free-air temperature
–40
85
°C
5V_SUPPLY
Operating supply voltage
GND
5
5.5
V
LV_SUPPLY
Bias supply voltage
1
3.3
5.5
V
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S520


유사한 부품 번호 - TPD12S520

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
More results

유사한 설명 - TPD12S520

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com