전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74F244DWR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74F244DWR
상세설명  OCTAL BUFFERS/DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F244DWR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74F244DWR Datasheet HTML 1Page - Texas Instruments SN74F244DWR Datasheet HTML 2Page - Texas Instruments SN74F244DWR Datasheet HTML 3Page - Texas Instruments SN74F244DWR Datasheet HTML 4Page - Texas Instruments SN74F244DWR Datasheet HTML 5Page - Texas Instruments SN74F244DWR Datasheet HTML 6Page - Texas Instruments SN74F244DWR Datasheet HTML 7Page - Texas Instruments SN74F244DWR Datasheet HTML 8Page - Texas Instruments SN74F244DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54F244, SN74F244
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SDFS063A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
′F244
SN54F244
SN74F244
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1.7
3.6
5.2
2
6.5
1.7
6.2
ns
tPHL
A
Y
1.7
3.6
5.2
2
7
1.7
6.5
ns
tPZH
OE
Y
1.2
3.9
5.7
2
7
1.2
6.7
ns
tPZL
OE
Y
1.2
5
7
2
8.5
1.2
8
ns
tPHZ
OE
Y
1.2
4.1
6
2
7
1.2
7
ns
tPLZ
OE
Y
1.2
4.1
6
2
7.5
1.2
7
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.


유사한 부품 번호 - SN74F244DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74F244DWR TI-SN74F244DWR Datasheet
497Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74F244DWR TI-SN74F244DWR Datasheet
643Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74F244DWRG4 TI-SN74F244DWRG4 Datasheet
497Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74F244DWRG4 TI-SN74F244DWRG4 Datasheet
643Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74F244DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com