전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3244 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3244
상세설명  40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244 데이터시트(HTML) 1 Page - Texas Instruments

  TPA3244 Datasheet HTML 1Page - Texas Instruments TPA3244 Datasheet HTML 2Page - Texas Instruments TPA3244 Datasheet HTML 3Page - Texas Instruments TPA3244 Datasheet HTML 4Page - Texas Instruments TPA3244 Datasheet HTML 5Page - Texas Instruments TPA3244 Datasheet HTML 6Page - Texas Instruments TPA3244 Datasheet HTML 7Page - Texas Instruments TPA3244 Datasheet HTML 8Page - Texas Instruments TPA3244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TO BE UPDATED
Power Supply
110VAC->240VAC
TAS5630
30V
TPA3244
Audio
Source
And Control
RIGHT
LEFT
LC
Filter
LC
Filter
/RESET
/FAULT
M1:M2
FREQ_ADJ
OSC_IO
/CLIP_OTW
Operation Mode Select
Switching Frequency Select
12V
Master/Slave Synchronization
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
TPA3244
SLASEC6 – APRIL 2016
TPA3244 40-W Stereo, 100-W peak PurePath™ Ultra-HD Pad Down Class-D Amplifier
1
1 Features
1
Differential Analog Inputs
Total Output Power at 10%THD+N
40-W Stereo Continuous into 8
Ω in BTL
Configuration at 30 V
100-W Stereo Peak into 4
Ω in BTL
Configuration at 30 V
Total Output Power at 1%THD+N
35-W Stereo Continuous into 8
Ω in BTL
Configuration at 30 V
80-W Stereo Peak into 4
Ω in BTL
Configuration at 30 V
Advanced Integrated Feedback Design with High-
speed Gate Driver Error Correction
(PurePath™ Ultra-HD)
Signal Bandwidth up to 100 kHz for High
Frequency Content From HD Sources
Ultra Low 0.005% THD+N at 1 W into 4
Ω and
<0.01% THD+N to Clipping
60 dB PSRR (BTL, No Input Signal)
<55 µV (A-Weighted) Output Noise
>110 dB (A Weighted) SNR
Multiple Configurations Possible:
Stereo, Mono, 2.1 and 4xSE
Click and Pop Free Startup and Stop
92% Efficient Class-D Operation (8
Ω)
Wide 12-V to 30-V Supply Voltage Operation
Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short Circuit
Protection) With Error Reporting
EMI Compliant When Used With Recommended
System Design
2 Applications
High End Soundbar
Mini Combo Systems
Blu-ray Disk™ / DVD Receivers
Active Speakers
3 Description
The TPA3244 device is a high performance Class-D
power amplifier that enables true premium sound
quality
with
Class-D
efficiency.
It
features
an
advanced integrated feedback design and proprietary
high-speed gate driver error correction (PurePath™
Ultra-HD). This technology allows ultra low distortion
across the audio band and superior audio quality.
With a 30-V power supply the device can drive up to
2 x 100 W peak into 4-
Ω load and 2 x 40 W
continuous into 8-
Ω load and features a 2-VRMS
analog input interface that works seamlessly with high
performance DACs such as TI's PCM5242. In
addition to excellent audio performance, TPA3244
achieves both high power efficiency and very low
power stage idle losses below 1 W. This is achieved
through the use of 60 m
Ω MOSFETs and an
optimized
gate
driver
scheme
that
achieves
significantly lower idle losses than typical discrete
implementations.
Table 1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3244D2
HTSSOP (44)
6.10mm x 14.00mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Simplified Schematic
Figure 2. Total Harmonic Distortion


유사한 부품 번호 - TPA3244

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI-TPA3244 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3244D2DDW TI1-TPA3244D2DDW Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244D2DDWR TI1-TPA3244D2DDWR Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

유사한 설명 - TPA3244

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com