전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B09DPYR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E10B09DPYR
상세설명  Single-Channel ESD Protection Device in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09DPYR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPD1E10B09DPYR Datasheet HTML 5Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 6Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 7Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 8Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 9Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 10Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 11Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 12Page - Texas Instruments TPD1E10B09DPYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Time (nS)
-15
15
45
75
105
135
165
195
225
-10
0
10
20
30
40
50
60
70
80
90
Time (nS)
-15
15
45
75
105
135
165
195
225
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
TPD1E10B09
www.ti.com
SLLSEB0D – FEBRUARY 2012 – REVISED SEPTEMBER 2015
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer should make sure:
The voltage range on the protected line does not exceed the reverse standoff voltage of the TVS diode(s)
(VRWM).
The operating frequency is supported by the I/O capacitance, CIO, of the TVS diode.
The IEC 61000-4-2 protection requirement is covered by the IEC performance of the TVS diode.
For this application, the audio signal voltage range is –8 V to 8 V. The VRWM for the TVS is –9.5 V to 9.5 V;
therefore, the bidirectional TVS will not break down during normal operation, and normal operation of the audio
signal will not be affected due to the signal voltage range. In this application, a bidirectional TVS like
TPD1E10B09 is required.
Next, consider the frequency content of this audio signal. In this application with the class AB amplifier, the
frequency content is from 20 Hz to 20 kHz; ensure that the TVS I/O capacitance will not distort this signal by
filtering it. With TPD1E10B09 typical capacitance of 10 pF, which leads to a typical cutoff frequency of just under
500 MHz, this diode has sufficient bandwidth to pass the audio signal without distorting it.
Finally, the human interface in this application requires protection for ±15-kV Contact and ±15-kV Air-Gap ESD,
which is above the standard Level 4 IEC 61000-4-2 system-level ESD protection. A standard TVS cannot survive
this level of IEC ESD stress. However, TPD1E10B09 can survive at least ±20-kV Contact and ±20-kV Air-Gap
ESD. Therefore, the device can provide sufficient ESD protection for the interface, even though the requirements
are stringent. For any TVS diode to provide its full range of ESD protection capabilities, as well as to minimize
the noise and EMI disturbances the board will see during ESD events, it is crucial that a system designer uses
proper board layout of their TVS ESD protection diodes. See Layout for instructions on properly laying out
TPD1E10B09.
8.2.3 Application Curves
Figure 11. ESD Clamp Voltage +8-kV Contact ESD
Figure 12. ESD Clamp Voltage –8-kV Contact ESD
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD1E10B09


유사한 부품 번호 - TPD1E10B09DPYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B09DPYR TI1-TPD1E10B09DPYR Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

유사한 설명 - TPD1E10B09DPYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com