전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B09QDPYRQ1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E10B09QDPYRQ1
상세설명  1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09QDPYRQ1 데이터시트(HTML) 1 Page - Texas Instruments

  TPD1E10B09QDPYRQ1 Datasheet HTML 1Page - Texas Instruments TPD1E10B09QDPYRQ1 Datasheet HTML 2Page - Texas Instruments TPD1E10B09QDPYRQ1 Datasheet HTML 3Page - Texas Instruments TPD1E10B09QDPYRQ1 Datasheet HTML 4Page - Texas Instruments TPD1E10B09QDPYRQ1 Datasheet HTML 5Page - Texas Instruments TPD1E10B09QDPYRQ1 Datasheet HTML 6Page - Texas Instruments TPD1E10B09QDPYRQ1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GND Line
Connector
(Source of ESD)
ESD Sensitive Device
1
1
2
2
IO Line 1
IO Line 2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
TPD1E10B09-Q1
SLVSDN8 – AUGUST 2016
TPD1E10B09-Q1 1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V
Breakdown
1
1 Features
1
AEC-Q101 Qualified
IEC 61000-4-2 Level 4 ESD Protection
±20-kV Contact Discharge
±20-kV Air-Gap Discharge
ISO 10605 (330pF, 330Ω) ESD Protection
±8-kV Contact Discharge
±15-kV Air-Gap Discharge
IEC 61000-4-5 Surge Protection
4.5 A (8/20 µs)
I/O Capacitance 10 pF (Typical)
RDYN: 0.5 Ω (Typical)
DC Breakdown Voltage ±9.5 V (Minimum)
Ultra Low Leakage Current 100 nA (Maximum)
13-V Clamping Voltage (Typical at IPP = 1 A)
Industrial Temperature Range: –40°C to +125°C
Space-Saving 0402 Footprint
2 Applications
End Equipment:
Head Unit
Premium Audio
External Amplifier
Body Control Module
Gateway
Telematics
Camera Module
Interfaces:
Audio Lines
Pushbuttons
Memory Interface
GPIO
3 Description
The TPD1E10B09-Q1 device is a bidirectional TVS
ESD protection diode in a small 0402 package
featuring
low
RDYN and high IEC rating. The
TPD1E10B09-Q1 is rated to dissipate ESD strikes
above the maximum level specified in the IEC 61000-
4-2 international standard (Level 4).
The low dynamic resistance (0.5 Ω) and low clamping
voltage (13 V at 1-A IPP) ensures system level
protection
against
transient
events,
providing
sufficient protection on designs that are exposed to
ESD events. This device also features a 10-pF IO
capacitance making it ideal for audio lines, push
buttons, memory interfaces, or GPIOs.
This device is also available without automotive
qualification: TPD1E10B09.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD1E10B09-Q1
X1SON (2)
0.60 mm × 1.00 mm
TPD1E10B09(2)
X1SON (2)
0.60 mm x 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This device is not part of the TPD1E10B09-Q1 datasheet,
please see TPD1E10B09 for all electrical parameters and
device characteristics
Application Schematic


유사한 부품 번호 - TPD1E10B09QDPYRQ1

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
TPD1E10B09QDPYRQ1 LEIDITECH-TPD1E10B09QDPYRQ1 Datasheet
569Kb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2015
More results

유사한 설명 - TPD1E10B09QDPYRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06-Q1 TI1-TPD1E10B06-Q1 Datasheet
429Kb / 18P
[Old version datasheet]   1-Channel ESD in 0402 Package with 12-pF Capacitance and 6-V Breakdown
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
[Old version datasheet]   ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com