전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD3S014TDBVRQ1 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD3S014TDBVRQ1
상세설명  Current Limit Switch and D/D??ESD Protection for Automotive USB Host Ports
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3S014TDBVRQ1 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPD3S014TDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPD3S014TDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-2
0
2
4
6
8
10
12
14
D001
VIN = 5 V
-40°C
25°C
85°C
125°C
Junction Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-1
0
1
2
3
4
5
6
7
D007
Time (ms)
-10
-5
0
5
10
15
20
25
30
35
0
0
0.5
0.08
1
0.16
1.5
0.24
2
0.32
2.5
0.4
3
0.48
3.5
0.56
4
0.64
4.5
0.72
5
0.8
5.5
0.88
6
0.96
6.5
1.04
7
1.12
7.5
1.2
D001
IN
OUT
EN
IOUT
Time (µs)
-4
-2
0
2
4
6
8
10
12
14
16
18
0
-4
0.5
0
1
4
1.5
8
2
12
2.5
16
3
20
3.5
24
4
28
4.5
32
5
36
5.5
40
6
44
6.5
48
7
52
7.5
56
D001
CIN = 300 PF, COUT = 150 PF
IN
OUT
IOUT
Time (ms)
-6
-4
-2
0
2
4
6
8
10
12
14
16
0
0
0.5
0.1
1
0.2
1.5
0.3
2
0.4
2.5
0.5
3
0.6
3.5
0.7
4
0.8
4.5
0.9
5
1
5.5
1.1
6
1.2
6.5
1.3
7
1.4
7.5
1.5
D001
IN
OUT
EN
IOUT
Time (ms)
-6
-4
-2
0
2
4
6
8
10
12
14
16
0
0
0.5
0.1
1
0.2
1.5
0.3
2
0.4
2.5
0.5
3
0.6
3.5
0.7
4
0.8
4.5
0.9
5
1
5.5
1.1
6
1.2
6.5
1.3
7
1.4
7.5
1.5
D001
IN
OUT
EN
IOUT
7
TPD3S014-Q1
www.ti.com
SLVSDG5B – MARCH 2016 – REVISED APRIL 2016
Product Folder Links: TPD3S014-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Typical Characteristics
Figure 1. Turn ON into 10
Figure 2. Enable into Short
Figure 3. Pulsed Output Short
Figure 4. Short Applied
Figure 5. Reverse Leakage Current (IREV) vs Temperature
Figure 6. Output Discharge Current vs Output Voltage


유사한 부품 번호 - TPD3S014TDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD3S014 TI1-TPD3S014 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014DBVR TI1-TPD3S014DBVR Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_16 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
More results

유사한 설명 - TPD3S014TDBVRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD3S014 TI1-TPD3S014_16 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD3S014 TI1-TPD3S014_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPD3S0x4 Current Limit Switch and D/D??ESD Protection for USB Host Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com