전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC5223L 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPIC5223L
상세설명  2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5223L 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPIC5223L_11 Datasheet HTML 2Page - Texas Instruments TPIC5223L_11 Datasheet HTML 3Page - Texas Instruments TPIC5223L_11 Datasheet HTML 4Page - Texas Instruments TPIC5223L_11 Datasheet HTML 5Page - Texas Instruments TPIC5223L_11 Datasheet HTML 6Page - Texas Instruments TPIC5223L_11 Datasheet HTML 7Page - Texas Instruments TPIC5223L_11 Datasheet HTML 8Page - Texas Instruments TPIC5223L_11 Datasheet HTML 9Page - Texas Instruments TPIC5223L_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPIC5223L
2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS043A – NOVEMBER 1994 – REVISED SEPTEMBER 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VDD = 25 V
14 mH
ID
tw
tav
IAS
V(BR)DSX = 60 V Min
VOLTAGE AND CURRENT WAVEFORMS
0 V
0 V
0 V
ID
VDS
DUT
VDS
TEST CIRCUIT
(see Note A)
(see Note B)
Pulse Generator
50
Rgen
50
VGS
VGS
5 V
NOTES: A. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration (tw) is increased until peak current IAS = 3 A.
Energy test level is defined as E
AS +
I
AS
V
(BR)DSX
tav
2
+ 108 mJ, where tav + avalanche time.
Figure 4. Single-Pulse Avalanche-Energy Test Circuit and Waveforms
TYPICAL CHARACTERISTICS
Figure 5
GATE-TO-SOURCE THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
1
0.5
0
1.5
2
2.5
– 40 – 20
0
20
40
60
80
100 120 140 160
VDS = VGS
ID = 1 mA
ID = 100 µA
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0.4
0.2
0
0.6
0.8
1
– 40 – 20
0
20
40
60
80
100 120 140 160
ID = 1 A
VGS = 4.5 V
VGS = 5 V
Figure 6


유사한 부품 번호 - TPIC5223L_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

유사한 설명 - TPIC5223L_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com