전자부품 데이터시트 검색엔진 |
|
CD74HC563EE4 데이터시트(PDF) 1 Page - Texas Instruments |
|
CD74HC563EE4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 14 page 1 Data sheet acquired from Harris Semiconductor SCHS187C Features • Common Latch-Enable Control • Common Three-State Output Enable Control • Buffered Inputs • Three-State Outputs • Bus Line Driving Capacity • Typical Propagation Delay = 13ns at VCC = 5V, CL = 15pF, TA = 25 oC (Data to Output) • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC533, ’HCT533, ’HC563, and CD74HCT563 are high-speed Octal Transparent Latches manufactured with silicon gate CMOS technology. They possess the low power consumption of standard CMOS integrated circuits, as well as the ability to drive 15 LSTTL devices. The outputs are transparent to the inputs when the latch enable (LE) is high. When the latch enable (LE) goes low the data is latched. The output enable (OE) controls the three-state outputs. When the output enable (OE) is high the outputs are in the high impedance state. The latch operation is independent of the state of the output enable. The ’HC533 and ’HCT533 are identical in function to the ’HC563 and CD74HCT563 but have different pinouts. The ’HC533 and ’HCT533 are similar to the ’HC373 and ’HCT373; the latter are non-inverting types. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC533F3A -55 to 125 20 Ld CERDIP CD54HC563F3A -55 to 125 20 Ld CERDIP CD54HCT533F3A -55 to 125 20 Ld CERDIP CD74HC533E -55 to 125 20 Ld PDIP CD74HC563E -55 to 125 20 Ld PDIP CD74HC563M -55 to 125 20 Ld SOIC CD74HCT533E -55 to 125 20 Ld PDIP CD74HCT563E -55 to 125 20 Ld PDIP CD74HCT563M -55 to 125 20 Ld SOIC January 1998 - Revised July 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563 High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs [ /Title (CD74H C533, CD74H CT533, CD74H C563, CD74H CT563) /Subject (High Speed |
유사한 부품 번호 - CD74HC563EE4 |
|
유사한 설명 - CD74HC563EE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |