전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX585 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BZX585
상세설명  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX585 데이터시트(HTML) 2 Page - NXP Semiconductors

  BZX585 Datasheet HTML 1Page - NXP Semiconductors BZX585 Datasheet HTML 2Page - NXP Semiconductors BZX585 Datasheet HTML 3Page - NXP Semiconductors BZX585 Datasheet HTML 4Page - NXP Semiconductors BZX585 Datasheet HTML 5Page - NXP Semiconductors BZX585 Datasheet HTML 6Page - NXP Semiconductors BZX585 Datasheet HTML 7Page - NXP Semiconductors BZX585 Datasheet HTML 8Page - NXP Semiconductors BZX585 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Jun 22
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX585 series
FEATURES
• Total power dissipation: max. 300 mW
• Two tolerance series: ± 2 % and ± 5 %
• Working voltage range: nominal 2.4 V to 75 V
(E24 range)
• Non-repetitive peak reverse power dissipation: max.
40 W.
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low-power voltage regulator diodes encapsulated in an
ultra small SOD523 plastic SMD package.
The diodes are available in the normalized E24
± 2%
(BZX585-B) and
± 5 % (BZX585-C) tolerance range.
The series consists of 37 types with nominal working
voltages from 2.4 V to 75 V.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
,

12
Top view
MAM387
Fig.1 Simplified outline (SOD523) and symbol.
The marking bar indicates the cathode.
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
Marking codes for BZX585-B2V4 to BZX585-B75
BZX585-B2V4
C1
BZX585-B6V2
E1
BZX585-B16
EA
BZX585-B43
EM
BZX585-B2V7
C2
BZX585-B6V8
E2
BZX585-B18
EB
BZX585-B47
EN
BZX585-B3V0
C3
BZX585-B7V5
E3
BZX585-B20
EC
BZX585-B51
EP
BZX585-B3V3
C4
BZX585-B8V2
E4
BZX585-B22
ED
BZX585-B56
ER
BZX585-B3V6
C5
BZX585-B9V1
E5
BZX585-B24
EE
BZX585-B62
ES
BZX585-B3V9
C6
BZX585-B10
E6
BZX585-B27
EF
BZX585-B68
ET
BZX585-B4V3
C7
BZX585-B11
E7
BZX585-B30
EG
BZX585-B75
EU
BZX585-B4V7
C8
BZX585-B12
E8
BZX585-B33
EH
BZX585-B5V1
C9
BZX585-B13
E9
BZX585-B36
EK
BZX585-B5V6
C0
BZX585-B15
E0
BZX585-B39
EL


유사한 부품 번호 - BZX585

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BZX585 KEXIN-BZX585 Datasheet
48Kb / 2P
   Zener Diodes
logo
NXP Semiconductors
BZX585 NXP-BZX585 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
logo
Nexperia B.V. All right...
BZX585 NEXPERIA-BZX585 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
logo
NXP Semiconductors
BZX585-B/C10 PHILIPS-BZX585-B/C10 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX585-B/C11 PHILIPS-BZX585-B/C11 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
More results

유사한 설명 - BZX585

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com