전자부품 데이터시트 검색엔진 |
|
AM26C31IPWR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
AM26C31IPWR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 33 page 6 AM26C31 SLLS103O – DECEMBER 1990 – REVISED JUNE 2016 www.ti.com Product Folder Links: AM26C31 Submit Documentation Feedback Copyright © 1990–2016, Texas Instruments Incorporated (1) All typical values are at VCC = 5 V and TA = 25°C. (2) Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level. (3) This parameter is measured per input. All other inputs are at 0 or 5 V. 6.6 Electrical Characteristics: AM26C31Q and AM26C31M over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VOH High-level output voltage IO = –20 mA 2.2 3.4 V VOL Low-level output voltage IO = 20 mA 0.2 0.4 V VOD Differential output voltage magnitude RL = 100 Ω, see Figure 2 2 3.1 V Δ|VOD| Change in magnitude of differential output voltage(2) RL = 100 Ω, see Figure 2 ±0.4 V VOC Common-mode output voltage RL = 100 Ω, see Figure 2 3 V Δ|VOC| Change in magnitude of common-mode output voltage(2) RL = 100 Ω, see Figure 2 ±0.4 V II Input current VI = VCC or GND ±1 μA IO(off) Driver output current with power off VCC = 0 VO = 6 V 100 μA VO = –0.25 V –100 IOS Driver output short-circuit current VO = 0 –170 mA IOZ High-impedance off-state output current VO = 2.5 V 20 μA VO = 0.5 V –20 ICC Quiescent supply current IO = 0 VI = 0 or 5 V 100 μA VI = 2.4 V or 0.5 V (3) 3.2 mA Ci Input capacitance 6 pF (1) All typical values are at VCC = 5 V and TA = 25°C. (2) Cpd is used to estimate the switching losses according to PD = Cpd × VCC 2 × f, where f is the switching frequency. 6.7 Switching Characteristics: AM26C31C and AM26C31I over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT tPLH Propagation delay time, low-to-high-level output S1 is open, see Figure 3 3 7 12 ns tPHL Propagation delay time, high-to-low-level output 3 7 12 tsk(p) Pulse skew time (|tPLH – tPHL|) S1 is open, see Figure 3 0.5 4 ns tr(OD), tf(OD) Differential output rise and fall times S1 is open, see Figure 4 5 10 ns tPZH Output enable time to high level S1 is closed, see Figure 5 10 19 ns tPZL Output enable time to low level 10 19 tPHZ Output disable time from high level S1 is closed, see Figure 5 7 16 ns tPLZ Output disable time from low level 7 16 Cpd Power dissipation capacitance (each driver)(2) S1 is open, see Figure 3 170 pF |
유사한 부품 번호 - AM26C31IPWR |
|
유사한 설명 - AM26C31IPWR |