전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM136A-2.5QML 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM136A-2.5QML
상세설명  2.5V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM136A-2.5QML 데이터시트(HTML) 1 Page - Texas Instruments

  LM136A-2.5QML Datasheet HTML 1Page - Texas Instruments LM136A-2.5QML Datasheet HTML 2Page - Texas Instruments LM136A-2.5QML Datasheet HTML 3Page - Texas Instruments LM136A-2.5QML Datasheet HTML 4Page - Texas Instruments LM136A-2.5QML Datasheet HTML 5Page - Texas Instruments LM136A-2.5QML Datasheet HTML 6Page - Texas Instruments LM136A-2.5QML Datasheet HTML 7Page - Texas Instruments LM136A-2.5QML Datasheet HTML 8Page - Texas Instruments LM136A-2.5QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM136A-2.5QML, LM136A-2.5QML-SP
www.ti.com
SNOSAM3E – JULY 2007 – REVISED APPRIL 2013
LM136A-2.5QML 2.5V Reference Diode
Check for Samples: LM136A-2.5QML, LM136A-2.5QML-SP
1
FEATURES
DESCRIPTION
The LM136A-2.5QML integrated circuit is a precision
2
Available with Radiation Specification
2.5V shunt regulator diode. This monolithic IC voltage
Total Ionizing Dose 100 krad(Si)
reference operates as a low-temperature-coefficient
ELDRS Free 100 krad(Si)
2.5V zener with 0.2
Ω dynamic impedance. A third
terminal on the LM136A-2.5QML allows the reference
Low Temperature Coefficient
voltage and temperature coefficient to be trimmed
Wide Operating Current of 400
μA to 10 mA
easily.
Specified Temperature Stability
The LM136A-2.5QML is useful as a precision 2.5V
Easily Trimmed for Minimum Temperature Drift
low voltage reference for digital voltmeters, power
Fast Turn-on
supplies or op amp circuitry. The 2.5V make it
convenient to obtain a stable reference from 5V logic
3–Lead Transistor Package
supplies.
Further,
since
the
LM136A-2.5QML
operates as a shunt regulator, it can be used as
either a positive or negative voltage reference.
Connection Diagram
Bottom View
Figure 1. TO Package
See Package Number NDV0003H
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM136A-2.5QML

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI1-LM136A-2.5QML-SP Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
More results

유사한 설명 - LM136A-2.5QML

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com