전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8406-CZ 데이터시트(PDF) 6 Page - Cirrus Logic

부품명 CS8406-CZ
상세설명  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CZ 데이터시트(HTML) 6 Page - Cirrus Logic

Back Button CS8406-CZ Datasheet HTML 2Page - Cirrus Logic CS8406-CZ Datasheet HTML 3Page - Cirrus Logic CS8406-CZ Datasheet HTML 4Page - Cirrus Logic CS8406-CZ Datasheet HTML 5Page - Cirrus Logic CS8406-CZ Datasheet HTML 6Page - Cirrus Logic CS8406-CZ Datasheet HTML 7Page - Cirrus Logic CS8406-CZ Datasheet HTML 8Page - Cirrus Logic CS8406-CZ Datasheet HTML 9Page - Cirrus Logic CS8406-CZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CS8406
6
DS580F1
DC ELECTRICAL CHARACTERISTICS (GND = 0 V; all voltages with respect to 0 V.)
Notes: 2. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
3. Normal operation is defined as RST = HI.
4. Assumes that no inputs are left floating. It is recommended that all digital inputs be driven high or low
at all times.
DIGITAL INPUT CHARACTERISTICS
DIGITAL INTERFACE SPECIFICATIONS (GND = 0 V; all voltages with respect to 0 V.)
TRANSMITTER CHARACTERISTICS
Parameters
Symbol
Min
Typ
Max
Units
Power-down Mode (Note 2)
Supply Current in power down
VD = 3.3 V
VD = 5.0 V
VL = 3.3 V
VL = 5.0 V
ID
ID
IL
IL
-
-
-
-
20
40
0
0
-
-
-
-
µA
µA
µA
µA
Normal Operation (Note 3)
Supply Current at 48 kHz frame rate (Note 4)
VD = 3.3 V
VD = 5.0 V
VL = 3.3 V
VL = 5.0 V
ID
ID
IL
IL
-
-
-
-
1.9
3.5
6.5
10.6
-
-
-
-
mA
mA
mA
mA
Supply Current at 192 kHz frame rate (Note 4)
VD = 3.3 V
VD = 5.0 V
VL = 3.3 V
VL = 5.0 V
ID
ID
IL
IL
-
-
-
-
7.6
12.7
7.2
12
-
-
-
-
mA
mA
mA
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±0.5
µA
Input Hysteresis (all inputs except OMCK)
-
0.25
-
V
Parameters
Symbol
Min
Max
Units
High-Level Output Voltage (IOH = -3.2 mA), except TXP/TXN
VOH
VL - 1.0
-
V
Low-Level Output Voltage (IOH = 3.2 mA), except TXP/TXN
VOL
-0.4
V
High-Level Output Voltage, TXP, TXN
(21 mA at VL = 5.0 V)
(15 mA at VL = 3.3 V)
VL - 0.7
VL - 0.7
VL
VL
V
V
Low-Level Output Voltage, TXP, TXN
(21 mA at VL = 5.0 V)
(16 mA at VL = 3.3 V)
-
-
0.7
0.7
V
V
High-Level Input Voltage
VD = 5.0 V
VD = 3.3 V
VIH
2.75
2.0
VL + 0.3
VL + 0.3
V
V
Low-Level Input Voltage
VD = 5.0 V
VD = 3.3 V
VIL
-0.3
-0.3
0.8
0.8
V
V
Parameters
Symbol
Typ
Units
TXP Output Resistance
VL = 5.0 V
VL = 3.3 V
RTXP
26.5
33.5
TXN Output Resistance
VL = 5.0 V
VL = 3.3 V
RTXN
26.5
33.5


유사한 부품 번호 - CS8406-CZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8406-CZZ CIRRUS-CS8406-CZZ Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CZZ CIRRUS-CS8406-CZZ Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406-CZZR CIRRUS-CS8406-CZZR Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-CZZR CIRRUS-CS8406-CZZR Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
More results

유사한 설명 - CS8406-CZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com