전자부품 데이터시트 검색엔진 |
|
BZX585-C15 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
BZX585-C15 데이터시트(HTML) 3 Page - NXP Semiconductors |
3 / 10 page 2004 Jun 22 3 Philips Semiconductors Product specification Voltage regulator diodes BZX585 series ORDERING INFORMATION LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Note 1. Device mounted on an FR4 printed-circuit board with approximately 35 mm2 Cu area at cathode tab. Marking codes for BZX585-C2V4 to BZX585-C75 BZX585-C2V4 F1 BZX585-C6V2 H1 BZX585-C16 HA BZX585-C43 HM BZX585-C2V7 F2 BZX585-C6V8 H2 BZX585-C18 HB BZX585-C47 HN BZX585-C3V0 F3 BZX585-C7V5 H3 BZX585-C20 HC BZX585-C51 HP BZX585-C3V3 F4 BZX585-C8V2 H4 BZX585-C22 HD BZX585-C56 HR BZX585-C3V6 F5 BZX585-C9V1 H5 BZX585-C24 HE BZX585-C62 HS BZX585-C3V9 F6 BZX585-C10 H6 BZX585-C27 HF BZX585-C68 HT BZX585-C4V3 F7 BZX585-C11 H7 BZX585-C30 HG BZX585-C75 HU BZX585-C4V7 F8 BZX585-C12 H8 BZX585-C33 HH BZX585-C5V1 F9 BZX585-C13 H9 BZX585-C36 HK BZX585-C5V6 F0 BZX585-C15 H0 BZX585-C39 HL TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION BZX585-B2V4 to BZX585-B75 − Plastic surface mounted package; 2 leads SOD523 BZX585-C2V4 to BZX585-C75 − Plastic surface mounted package; 2 leads SOD523 SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT IF continuous forward current − 200 mA IZSM non-repetitive peak reverse current tp = 100 µs; square wave; Tamb =25 °C prior to surge see Tables 1 and 2 PZSM non-repetitive peak reverse power dissipation tp = 100 µs; square wave; Tamb =25 °C prior to surge − 40 W Ptot total power dissipation Tamb =25 °C; note 1 − 300 mW Tstg storage temperature −65 +150 °C Tj junction temperature −65 +150 °C TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE TYPE NUMBER MARKING CODE |
유사한 부품 번호 - BZX585-C15 |
|
유사한 설명 - BZX585-C15 |