전자부품 데이터시트 검색엔진 |
|
SN74ACT00DRE4 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74ACT00DRE4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54ACT00, SN74ACT00 QUADRUPLE 2INPUT POSITIVENAND GATES SCAS523D − AUGUST 1995 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 4.5-V to 5.5-V VCC Operation D Inputs Accept Voltages to 5.5 V D Max tpd of 8 ns at 5 V D Inputs Are TTL-Voltage Compatible SN54ACT00 ...FK PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B NC − No internal connection 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y SN54ACT00 ...J OR W PACKAGE SN74ACT00 . . . D, DB, N, NS, OR PW PACKAGE (TOP VIEW) description/ordering information The ‘ACT00 devices contain four independent 2-input NAND gates. Each gate performs the Boolean function of Y = A S B or Y = A + B in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74ACT00N SN74ACT00N SOIC − D Tube SN74ACT00D ACT00 SOIC − D Tape and reel SN74ACT00DR ACT00 −40 °C to 85°C SOP − NS Tape and reel SN74ACT00NSR ACT00 −40 C to 85 C SSOP − DB Tape and reel SN74ACT00DBR AD00 TSSOP − PW Tube SN74ACT00PW AD00 TSSOP − PW Tape and reel SN74ACT00PWR AD00 CDIP − J Tube SNJ54ACT00J SNJ54ACT00J −55 °C to 125°C CFP − W Tube SNJ54ACT00W SNJ54ACT00W −55 C to 125 C LCCC − FK Tube SNJ54ACT00FK SNJ54ACT00FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each gate) INPUTS OUTPUT A B OUTPUT Y H H L L XH X L H Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74ACT00DRE4 |
|
유사한 설명 - SN74ACT00DRE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |