전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1585AMCX 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN1585AMCX
상세설명  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AMCX 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1585AMCX Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 9Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 10Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 11Page - Fairchild Semiconductor FAN1585AMCX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FAN1585A
PRODUCT SPECIFICATION
8
REV. 1.1.5 11/7/03
Figure 14. Application Circuit (FAN1585A)
Table 1. Bill of Materials for Application Circuit for the FAN1585A
Figure 15. Application Circuit (FAN1585A-1.5)
Table 2. Bill of Materials for Application Circuit for the FAN1585A-1.5
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V22
22µF, 10V Aluminum
C2, C3
2
Xicon
L10V100
100µF, 10V Aluminum
R1
1
Generic
124
Ω, 1%
R2
1
Generic
24.9
Ω, 1%
U1
1
Fairchild
FAN1585AT
5A Regulator
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V22
22µF, 10V Aluminum
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1585AT-1.5
5A Regulator
FAN1585A
U1
ADJ
C2
100
µF
R2
24.9
R1
124
+
C3
100
µF
VOUT
1.5V
+
C1
22
µF
+
VIN
VOUT
VIN
3.3V
FAN1585A-1.5
U1
GND
C3
100
µF
VOUT
1.5V
+
C1
22
µF
+
VIN
VOUT
VIN
3.3V
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This
is the lowest resistance path for heat flow. Proper mounting
ensures the best thermal flow from this area of the package to
the heat sink. Use of a thermally conductive material at the
case-to-heat sink interface is recommended. Use a thermally
conductive spacer if the case of the device must be electri-
cally isolated and include its contribution to the total thermal
resistance. The cases of the FAN1585A series are directly
connected to the output of the device.


유사한 부품 번호 - FAN1585AMCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1585AMCX FAIRCHILD-FAN1585AMCX Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

유사한 설명 - FAN1585AMCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com