전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX585-B16 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BZX585-B16
상세설명  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX585-B16 데이터시트(HTML) 4 Page - NXP Semiconductors

  BZX585-B16 Datasheet HTML 1Page - NXP Semiconductors BZX585-B16 Datasheet HTML 2Page - NXP Semiconductors BZX585-B16 Datasheet HTML 3Page - NXP Semiconductors BZX585-B16 Datasheet HTML 4Page - NXP Semiconductors BZX585-B16 Datasheet HTML 5Page - NXP Semiconductors BZX585-B16 Datasheet HTML 6Page - NXP Semiconductors BZX585-B16 Datasheet HTML 7Page - NXP Semiconductors BZX585-B16 Datasheet HTML 8Page - NXP Semiconductors BZX585-B16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004 Jun 22
4
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX585 series
ELECTRICAL CHARACTERISTICS
Total BZX585-B and C series
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.2
0.9
V
IF = 100 mA; see Fig.2
1.1
V
IR
reverse current
BZX585-B/C2V4
VR =1V
50
µA
BZX585-B/C2V7
VR =1V
20
µA
BZX585-B/C3V0
VR =1V
10
µA
BZX585-B/C3V3
VR =1V
5
µA
BZX585-B/C3V6
VR =1V
5
µA
BZX585-B/C3V9
VR =1V
3
µA
BZX585-B/C4V3
VR =1V
3
µA
BZX585-B/C4V7
VR =2V
3
µA
BZX585-B/C5V1
VR =2V
2
µA
BZX585-B/C5V6
VR =2V
1
µA
BZX585-B/C6V2
VR =4V
3
µA
BZX585-B/C6V8
VR =4V
2
µA
BZX585-B/C7V5
VR =5V
1
µA
BZX585-B/C8V2
VR = 5 V
700
nA
BZX585-B/C9V1
VR = 6 V
500
nA
BZX585-B/C10
VR = 7 V
200
nA
BZX585-B/C11
VR = 8 V
100
nA
BZX585-B/C12
VR = 8 V
100
nA
BZX585-B/C13
VR = 8 V
100
nA
BZX585-B/C15 to 75
VR = 0.7VZnom
50
nA


유사한 부품 번호 - BZX585-B16

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BZX585-B16 NEXPERIA-BZX585-B16 Datasheet
307Kb / 13P
   Voltage regulator diodes
Rev. 6 - 4 December 2020
BZX585-B16 NEXPERIA-BZX585-B16 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
More results

유사한 설명 - BZX585-B16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com