전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1575B 데이터시트(PDF) 1 Page - Semtech Corporation

부품명 GS1575B
상세설명  Multi-Rate SDI Automatic Reclocker
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1575B 데이터시트(HTML) 1 Page - Semtech Corporation

  GS1575B Datasheet HTML 1Page - Semtech Corporation GS1575B Datasheet HTML 2Page - Semtech Corporation GS1575B Datasheet HTML 3Page - Semtech Corporation GS1575B Datasheet HTML 4Page - Semtech Corporation GS1575B Datasheet HTML 5Page - Semtech Corporation GS1575B Datasheet HTML 6Page - Semtech Corporation GS1575B Datasheet HTML 7Page - Semtech Corporation GS1575B Datasheet HTML 8Page - Semtech Corporation GS1575B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI Automatic Reclocker
1 of 28
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
www.gennum.com
Features
GS1575B
SMPTE 292M, 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485
Mb/s
Supports DVB-ASI at 270Mb/s
Pb-free and RoHS Compliant
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexer
Loss of Signal (LOS) Output
Lock Detect Output
On-chip Input and Output Termination
Differential 50Ω inputs and outputs
Mute, Bypass and Autobypass functions
SD/HD indication output to control GS1528A Dual Slew-Rate
Cable Driver
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
GS9075B
SMPTE 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, and 540Mb/s
Supports DVB-ASI at 270Mb/s
Pb-free and RoHS Compliant
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexer
Loss of Signal (LOS) Output
Lock Detect Output
On-chip Input and Output Termination
Differential 50Ω inputs and outputs
Mute, Bypass and Autobypass functions
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
Applications
GS1575B
SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital
Interfaces
GS9075B
SMPTE 259M and SMPTE 344M Serial Digital Interfaces.
Description
The GS1575B/9075B is a Multi-Rate Serial Digital Reclocker
designed to automatically recover the embedded clock
from a digital video signal and re-time the incoming video
data.
The GS1575B Serial Digital Reclocker will recover the
embedded clock signal and re-time the data from a SMPTE
292M, SMPTE 259M or SMPTE 344M compliant digital
video signal.
The GS9075B Serial Digital Reclocker will recover the
embedded clock signal and re-time the data from a SMPTE
259M or SMPTE 344M compliant digital video signal.
The GS1575B/9075B removes the high frequency jitter
components from the bit-serial stream. Input termination is
on-chip for seamless matching to 50Ω transmission lines.
An LVPECL compliant output interfaces seamlessly to the
GS1578A/GS9078A Cable Driver.
The GS1575B/9075B can operate in either auto or manual
rate selection mode. In Auto mode the device will
automatically detect and lock onto incoming SMPTE SDI
data signals at any supported rate. For single rate data
systems, the GS1575B/9075B can be configured to operate
in Manual mode. In both modes, the device requires only
one external crystal to set the VCO frequency when not
locked and provides adjustment free operation.
In systems which require passing of non-SMPTE data rates,
the GS1575B/9075B can be configured to either
automatically or manually enter a bypass mode in order to
pass the signal without reclocking.
The ASI/177 input pin allows for manual selection of
support of either 177Mb/s or DVB-ASI inputs.
The GS1575B/9075B is Pb-free, and the encapsulation
compound does not contain halogenated flame retardant.
This component and all homogeneous sub-components are
RoHS compliant.


유사한 부품 번호 - GS1575B

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results

유사한 설명 - GS1575B

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com