전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS13102 데이터시트(PDF) 5 Page - Semtech Corporation

부품명 TS13102
상세설명  Solid State Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13102 데이터시트(HTML) 5 Page - Semtech Corporation

  TS13102 Datasheet HTML 1Page - Semtech Corporation TS13102 Datasheet HTML 2Page - Semtech Corporation TS13102 Datasheet HTML 3Page - Semtech Corporation TS13102 Datasheet HTML 4Page - Semtech Corporation TS13102 Datasheet HTML 5Page - Semtech Corporation TS13102 Datasheet HTML 6Page - Semtech Corporation TS13102 Datasheet HTML 7Page - Semtech Corporation TS13102 Datasheet HTML 8Page - Semtech Corporation TS13102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TS13102
Final Datasheet Rev 2.3
28 July 2016
5 of 16
Semtech
Proprietary & Confidential
Product Characteristics
0.6
0.8
1
1.2
1.4
1.6
1.8
-40
-10
25
85
125
Junction Temperature ( C)
Normalized On Resistance
vs. Temperature
0.96
0.97
0.98
0.99
1
1.01
-40
-10
25
85
125
Junction Temperature ( C)
Normalized Over Current Shutdown
vs. Temperature


유사한 부품 번호 - TS13102

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TS13101 SEMTECH-TS13101 Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
TS13101-QFNR SEMTECH-TS13101-QFNR Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13103 SEMTECH-TS13103 Datasheet
714Kb / 16P
   Solid State Relay with Diagnostics
More results

유사한 설명 - TS13102

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com