전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT760Q 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 BAT760Q
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT760Q 데이터시트(HTML) 2 Page - Diodes Incorporated

  BAT760Q Datasheet HTML 1Page - Diodes Incorporated BAT760Q Datasheet HTML 2Page - Diodes Incorporated BAT760Q Datasheet HTML 3Page - Diodes Incorporated BAT760Q Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT760Q
Document number: DS38873 Rev. 1 - 2
2 of 4
www.diodes.com
April 2016
© Diodes Incorporated
BAT760Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
1
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
5.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
235
mW
Typical Thermal Resistance Junction to Ambient (Note 6)
RθJA
426
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
V
IR = 500µA
Forward Voltage Drop
VF
245
320
495
270
350
550
mV
IF = 10mA
IF = 100mA
IF = 1A
Leakage Current (Note 7)
IR
3.0
3.5
5.0
10
20
50
µA
VR = 5V
VR = 8V
VR = 15V
Total Capacitance
CT
25
pF
f = 1MHz, VR = 5VDC
Notes:
6. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/product_compliance_definitions.html.
7. Short duration pulse test used to minimize self-heating effect.
0.1
1
10
0.01
0.001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
20
30


유사한 부품 번호 - BAT760Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT760 PHILIPS-BAT760 Datasheet
56Kb / 7P
   Schottky barrier diode
2004 Jan 26
logo
Diodes Incorporated
BAT760 DIODES-BAT760 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30498 Rev. 5 - 2
logo
NXP Semiconductors
BAT760 NXP-BAT760 Datasheet
56Kb / 9P
   Medium power Schottky barrier single diode
Rev. 03-17 October 2008
logo
Diodes Incorporated
BAT760 DIODES-BAT760 Datasheet
101Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30498 Rev. 7 - 2
logo
NXP Semiconductors
BAT760 NXP-BAT760 Datasheet
64Kb / 9P
   Medium power Schottky barrier single diode
Rev. 03-17 October 2008
More results

유사한 설명 - BAT760Q

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com