전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903S-13 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 LM2903S-13
상세설명  DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2903S-13 데이터시트(HTML) 3 Page - Diodes Incorporated

  LM2903S-13 Datasheet HTML 1Page - Diodes Incorporated LM2903S-13 Datasheet HTML 2Page - Diodes Incorporated LM2903S-13 Datasheet HTML 3Page - Diodes Incorporated LM2903S-13 Datasheet HTML 4Page - Diodes Incorporated LM2903S-13 Datasheet HTML 5Page - Diodes Incorporated LM2903S-13 Datasheet HTML 6Page - Diodes Incorporated LM2903S-13 Datasheet HTML 7Page - Diodes Incorporated LM2903S-13 Datasheet HTML 8Page - Diodes Incorporated LM2903S-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
3 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
36
V
VID
Differential Input Voltage
36
V
VIN
Input Voltage
-0.3 to +36
V
IIN
Input Current (VIN < -0.3V)
50
mA
VO
Output Voltage
36
V
IO
Output Current
20
mA
Duration of Output Short Circuit to Ground (Note 5)
Unlimited
θJA
Package Thermal Impedance
(Note 6)
SO-8
TBD
°C/W
MSOP-8
TBD
TSSOP-8
TBD
SO-14
TBD
TSSOP-14
TBD
θJC
Package Thermal Impedance
(Note 6)
SO-8
TBD
°C/W
MSOP-8
TBD
TSSOP-8
TBD
SO-14
TBD
TSSOP-14
TBD
TA
Operating Temperature Range
-40 to +125
°C
TJ
Operating Junction Temperature
150
°C
TST
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
°C
ESD
Human Body Mode ESD Protection (Note 7)
500
V
Machine Mode ESD Protection
100
Notes:
4. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only; functional
operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
5. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6. Maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is
PD = (TJ(MAX) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
7
. Human body model, 1.5kΩ in series with 100pF.


유사한 부품 번호 - LM2903S-13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2903SNG ONSEMI-LM2903SNG Datasheet
83Kb / 6P
   Low Offset Voltage Dual Comparators
October, 2014 ??Rev. 0
logo
Rohm
LM2903ST ROHM-LM2903ST Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM2903ST STMICROELECTRONICS-LM2903ST Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
More results

유사한 설명 - LM2903S-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com