전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901QS14-13 데이터시트(PDF) 8 Page - Diodes Incorporated

부품명 LM2901QS14-13
상세설명  AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901QS14-13 데이터시트(HTML) 8 Page - Diodes Incorporated

Back Button LM2901QS14-13 Datasheet HTML 4Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 5Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 6Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 7Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 8Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 9Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 10Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 11Page - Diodes Incorporated LM2901QS14-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2901Q/LM2901AQ/LM2903Q/LM2903AQ
Document number: DS37814 Rev. 2 - 2
8 of 19
www.diodes.com
June 2016
© Diodes Incorporated
LM2901Q/ LM2901AQ/
LM2903Q/ LM2903AQ
Performance Characteristics (continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
A
=-40
OC
T
A
=25
OC
T
A
=125
OC
Input Common Mode Voltage(V)
VCC=5.0V
Input Offset Voltage vs. Input Common-Mode Voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
T
A
=-40
OC
T
A
=25
OC
T
A
=125
OC
Input Common Mode Voltage(V)
VCC=30V
Input Offset Voltage vs. Input Common-Mode Voltage


유사한 부품 번호 - LM2901QS14-13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
logo
Texas Instruments
LM2901QD TI-LM2901QD Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

유사한 설명 - LM2901QS14-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com