전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903QS-13 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 LM2903QS-13
상세설명  AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2903QS-13 데이터시트(HTML) 4 Page - Diodes Incorporated

  LM2903QS-13 Datasheet HTML 1Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 2Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 3Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 4Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 5Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 6Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 7Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 8Page - Diodes Incorporated LM2903QS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM2901Q/LM2901AQ/LM2903Q/LM2903AQ
Document number: DS37814 Rev. 2 - 2
4 of 19
www.diodes.com
June 2016
© Diodes Incorporated
LM2901Q/ LM2901AQ/
LM2903Q/ LM2903AQ
Electrical Characteristics (Notes 9 & 10) (@VCC = 5.0V, GND = 0V, TA = +25°C, unless otherwise specified.)
LM2901Q, LM2901AQ
Parameter
Conditions
TA
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VIC = VCMR Min,
VO = 1.4V,
VCC = 5V to 30V
(Note 11)
Non-A Device
TA = +25°C
2
7
mV
Full Range
15
A-Suffix Device
TA = +25°C
1
2
Full Range
4
IB
Input Bias Current
IIN+ or IIN− with OUT in Linear Range,
VCM = 0V (Note 12)
TA = +25°C
25
250
nA
Full Range
500
IIO
Input Offset Current
IIN+ - IIN−, VCM = 0V
TA = +25°C
5
50
nA
Full Range
200
VCMR
Input Common-Mode
Voltage Range
VCC = 30V (Note 13)
TA = +25°C
0 to
VCC -1.5
V
Full Range
0 to
VCC -2
ICC
Supply Current
(Four Comparators)
RL = on Quad
Channels
VCC = 30V
TA = +25°C
1.2
2.5
mA
Full range
3.5
VCC = 5V
TA = +25°C
0.9
2
Full Range
3.0
AV
Voltage Gain
VCC = 15V, VOUT = 1V to 11V,
RL ≥ 15kΩ,
TA = +25°C
50
200
V/mV
Large Signal Response Time
VIN = TTL Logic Swing, VREF = 1.4V,
VRL = 5V, RL = 5.1kΩ
TA = +25°C
300
ns
Response Time
VRL = 5V, RL = 5.1kΩ (Note 14)
TA = +25°C
1.3
µs
IO(SINK)
Output Sink Current
VIN− = 1V, VIN+ = 0, VO ≤ 1.5V
TA = +25°C
6
16
mA
VSAT
Saturation Voltage
VIN− = 1V, VIN+ = 0, ISINK ≤ 4mA
TA = +25°C
100
400
mV
Full Range
700
IO(LEAK)
Output Leakage Current
VIN− = 0V, VIN+ = 1, VO = 5V
TA = +25°C
0.1
nA
VIN− = 0V, VIN+ = 1, VO = 30V
Full Range
1
µA
VID
Differential Input Voltage
All VIN ≥0V (or V- if used) (Note 15)
Full Range
36
V
Notes:
9.
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will
also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
10. All limits are guaranteed by testing or statistical analysis. Limits over the full temperature (-40
≤ TA ≤ +125°C) are guaranteed by design, but not tested in
production.
11. VO 1.4V, RS = 0Ω with VCC from 5V to 30V.
12. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output
so no loading change exists on the input lines.
13. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (@ +25°C). The upper end of the
common-mode voltage range is VCC -1.5V (@ +25°C), but either or both inputs can go to +36V without damage, independent of the magnitude of VCC.
14. The response time specified is for a 100mV step input with 5mV overdrive. For larger overdrive signals 300ns can be obtained, see typical performance
characteristics.
15. Positive excursions of input voltage may exceed the power supply level. As long as other voltages remain within the common mode range, the
comparator will provide a proper output stage. The low voltage state must not be less than -0.3V (or 0.3V below the magnitude of the negative power
supply, if used).


유사한 부품 번호 - LM2903QS-13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2903Q TI-LM2903Q Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM2903Q2T STMICROELECTRONICS-LM2903Q2T Datasheet
796Kb / 18P
   Low-power dual voltage comparator
LM2903Q2T STMICROELECTRONICS-LM2903Q2T Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
logo
Texas Instruments
LM2903QD TI-LM2903QD Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903QD TI-LM2903QD Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
More results

유사한 설명 - LM2903QS-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com