전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904AM8-13 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 LM2904AM8-13
상세설명  DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2904AM8-13 데이터시트(HTML) 2 Page - Diodes Incorporated

  LM2904AM8-13 Datasheet HTML 1Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 2Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 3Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 4Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 5Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 6Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 7Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 8Page - Diodes Incorporated LM2904AM8-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM2902/ LM2902A/ LM2904/ LM2904A
Document number: DS36780 Rev. 3 - 2
2 of 15
www.diodes.com
May 2016
© Diodes Incorporated
LM2902/ LM2902A/ LM2904/ LM2904A
Schematic Diagram
Q2
Q4
Q3
Q1
Q8
Q9
6
A
4
A
Q10
Q11
50
A
Q5
Q6
Q13
Rsc
Cc
100
A
Q7
INPUTS
+
-
OUTPUT
Q12
VCC
Functional Block Diagram of LM2902/ 2902A/ 2904/ 2904A
(Each Amplifier)
Pin Descriptions
LM2902, LM2902A
Pin Name
Pin #
Function
1OUT
1
Channel 1 Output
1IN-
2
Channel 1 Inverting Input
1IN+
3
Channel 1 Non-Inverting Input
VCC
4
Chip Supply Voltage
2IN+
5
Channel 2 Non-Inverting Input
2IN-
6
Channel 2 Inverting Input
2OUT
7
Channel 2 Output
3OUT
8
Channel 3 Output
3IN-
9
Channel 3 Inverting Input
3IN+
10
Channel 3 Non-Inverting Input
GND
11
Ground
4IN+
12
Channel 4 Non-Inverting Input
4IN-
13
Channel 4 Inverting Input
4OUT
14
Channel 4 Output
LM2904, LM2904A
1OUT
1
Channel 1 Output
1IN-
2
Channel 1 Inverting Input
1IN+
3
Channel 1 Non-Inverting Input
GND
4
Ground
2IN+
5
Channel 2 Non-Inverting Input
2IN-
6
Channel 2 Inverting Input
2OUT
7
Channel 2 Output
VCC
8
Chip Supply Voltage


유사한 부품 번호 - LM2904AM8-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2904AM8-13 DIODES-LM2904AM8-13 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM2904AM8-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Diodes Incorporated
LM2902Q DIODES-LM2902Q Datasheet
841Kb / 16P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com