전자부품 데이터시트 검색엔진 |
|
LM2904ATH-13 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
LM2904ATH-13 데이터시트(HTML) 1 Page - Diodes Incorporated |
1 / 15 page LM2902/ LM2902A/ LM2904/ LM2904A Document number: DS36780 Rev. 3 - 2 1 of 15 www.diodes.com May 2016 © Diodes Incorporated LM2902/ LM2902A/ LM2904/ LM2904A DUAL AND QUAD OPERATIONAL AMPLIFIERS Description The LM2902/2904 series amplifiers consist of four and two independent high-gain operational amplifiers with very low input offset voltage specification. They have been designed to operate from a single power supply over a wide range of voltages; however operation from split power supplies is also possible. They offer low power supply current independent of the magnitude of the power supply voltage. The LM2902/2904 series are characterized for operation from -40 ℃ to +125℃ and the dual devices are available in SO-8, MSOP-8, TSSOP-8 and the quad devices available in SO-14 and TSSOP-14 with industry standard pin-outs. Both use green mold compound as standard. Features Wide Power Supply Voltage Range: Single Supply: 3V to 36V Dual Supplies: ±1.5V to ±18V Very Low Supply Current Drain LM2904 500µA – Independent of Supply Voltage LM2902 700µA – Independent of Supply Voltage Low Input Bias Current: 20nA Low Input Offset Voltage: A Versions: 1mV Typ Non-A Version: 2mV Typ Large DC Voltage Gain: 100dB Wide Bandwidth (Unity Gain): 700KHz (Temperature Compensated) Internally Compensated with Unity Gain Input Common-Mode Voltage Range Includes Ground Differential Input Voltage Range Equal to the Power Supply Voltage Large Output Voltage Swing: 0V to VCC -1.5V SO-8 (Duals) and SO-14/TSSOP-14 (Quads) Packages Available Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) An Automotive-Compliant Part is Available Under Separate Datasheet (LM2902Q_04Q) Pin Assignments (Top View) 1 2 3 7 6 5 4 8 SO-8/TSSOP-8/MSOP-8 1OUT VCC 2IN- 2IN+ 1IN- 1IN+ GND 2OUT 1 - - 2 LM2904/ LM2904A (Top View) 1 2 3 13 12 11 4 14 SO-14/TSSOP-14 1OUT 4OUT 4IN+ 7 6 5 9 10 8 GND 3OUT 3IN- 3IN+ 1IN- 1IN+ VCC 2IN+ 2IN- 2OUT 4IN- 2 - 1 - - 4 - 3 LM2902/ LM2902A Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. |
유사한 부품 번호 - LM2904ATH-13 |
|
유사한 설명 - LM2904ATH-13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |