전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2902Q 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 LM2902Q
상세설명  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902Q 데이터시트(HTML) 1 Page - Diodes Incorporated

  LM2902Q Datasheet HTML 1Page - Diodes Incorporated LM2902Q Datasheet HTML 2Page - Diodes Incorporated LM2902Q Datasheet HTML 3Page - Diodes Incorporated LM2902Q Datasheet HTML 4Page - Diodes Incorporated LM2902Q Datasheet HTML 5Page - Diodes Incorporated LM2902Q Datasheet HTML 6Page - Diodes Incorporated LM2902Q Datasheet HTML 7Page - Diodes Incorporated LM2902Q Datasheet HTML 8Page - Diodes Incorporated LM2902Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
1 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Description
The LM2902Q/2904Q series operational amplifiers consist of four and
two independent high-gain operational amplifiers with very low input
offset voltage specification. They are designed to operate from a
single power supply over a wide range of voltages; however,
operation from split power supplies is also possible. They offer low
power supply current independent of the magnitude of the power
supply voltage.
The LM2904Q dual devices are available in SO-8, TSSOP-8 and
MSOP-8; and the LM2902Q quad devices are available in SO-14 and
TSSOP-14. All are in industry-standard pinouts, and both use
“green”
mold compound as standard.
The LM2902Q/2904Q are characterized for operation from
-40°C to +125°C, qualified to AEC-Q100 Grade 1 and are Automotive
Compliant supporting PPAPs.
Features
Wide Power Supply Voltage Range:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
Very Low Supply Current Drain
– Independent of Supply Voltage
LM2904Q: 500µA
LM2902Q: 700µA
Low Input Bias Current: 20nA
Low Input Offset Voltage:
A Versions: 1mV (Typ)
Non-A Version: 2mV (Typ)
Large DC Voltage Gain: 100dB
Wide Bandwidth (Unity Gain): 700kHz (Temperature
Compensated)
Internally Compensated with Unity Gain
Input Common-Mode Voltage Range Includes Ground
Differential Input Voltage Range Equal to Power Supply Voltage
Large Output Voltage Swing: 0V to VCC -1.5V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q100 Grade 1
PPAP Capable (Note 4)
Pin Assignments
LM2904Q/ LM2904QA
(Top View)
1
2
3
7
6
5
4
8
SO-8/TSSOP-8/MSOP-8
1OUT
VCC
2IN-
2IN+
1IN-
1IN+
GND
2OUT
1
-
+
2
-
LM2902Q/ LM2902QA
(Top View)
1
2
3
13
12
11
4
14
SO-14/TSSOP-14
1OUT
4OUT
4IN+
7
6
5
9
10
8
GND
3OUT
3IN-
3IN+
1IN-
1IN+
VCC
2IN+
2IN-
2OUT
4IN-
2
-
1
-
-
4
-
3
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q100 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.


유사한 부품 번호 - LM2902Q

제조업체부품명데이터시트상세설명
logo
ARTSCHIP ELECTRONICS CO...
LM2902Q ARTSCHIP-LM2902Q Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
logo
STMicroelectronics
LM2902Q4T STMICROELECTRONICS-LM2902Q4T Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
logo
Texas Instruments
LM2902QDREP TI1-LM2902QDREP Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
LM2902QDREP(2) TI1-LM2902QDREP(2) Datasheet
499Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902QDRG4Q1 NSC-LM2902QDRG4Q1 Datasheet
850Kb / 15P
   QUADRUPLE OPERATIONAL AMPLIFIER
More results

유사한 설명 - LM2902Q

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com