전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES2F 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 ES2F
상세설명  Surface Mount Glass Passivated Superfast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ES2F 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  ES2F Datasheet HTML 1Page - GOOD-ARK Electronics ES2F Datasheet HTML 2Page - GOOD-ARK Electronics ES2F Datasheet HTML 3Page - GOOD-ARK Electronics ES2F Datasheet HTML 4Page - GOOD-ARK Electronics ES2F Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ES2A thru ES2J
Surface Mount Glass Passivated Superfast Rectifier
Reverse Voltage 50 to 600V Forward Current 2A
Soldering Parameters
Peak Temperature :
260+0/-5°C
Dipping Time :
10 seconds
Soldering :
1 time
Reflow Soldering
Pre Heat
- Temperature Min
- Temperature Max
- Time (min to max) (ts)
TS(max) to TL - Ramp-up Rate
6°C/second max
8 minutes Max.
260°C
260°C
Do not exceed
Wave Soldering
Sn-Pb Eutectic Assembly
100°C
150°C
60 – 120 secs
3°C/second max
3°C/second max
183°C
60 – 150 seconds
240+0/-5 °C
10 –30 seconds
6°C/second max
6 minutes Max.
Ramp-down Rate
Time 25°C to peak Temperature (TP)
Peak Temperature (TP)
Time within 5°C of actual peak Temperature (tp)
Reflow
- Temperature (TL)
- Time (min to max) (ts)
Average ramp up rate (Liquidus Temp (TL) to peak
20 – 40 seconds
Pb-Free assembly
150°C
200°C
60 – 180 secs
3°C/second max
3°C/second max
217°C
60 – 150 seconds
240+0/-5°C
www.goodark.com
4/5
2015.08-Rev.B


유사한 부품 번호 - ES2F

제조업체부품명데이터시트상세설명
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
   SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2F PACELEADER-ES2F Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
384Kb / 4P
   Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
247Kb / 2P
   2.0 AMPS. Surface Mount Super Fast Rectifiers
More results

유사한 설명 - ES2F

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
L2U1 GOOD-ARK-L2U1 Datasheet
194Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0303U GOOD-ARK-SGC0303U Datasheet
195Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0403U GOOD-ARK-SGC0403U Datasheet
200Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com