전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST-PS-024-05 데이터시트(PDF) 2 Page - Red Lion Controls. Inc

부품명 ST-PS-024-05
상세설명  Industrial Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  REDLION [Red Lion Controls. Inc]
홈페이지  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ST-PS-024-05 데이터시트(HTML) 2 Page - Red Lion Controls. Inc

  ST-PS-024-05 Datasheet HTML 1Page - Red Lion Controls. Inc ST-PS-024-05 Datasheet HTML 2Page - Red Lion Controls. Inc ST-PS-024-05 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
xx-PS-024 Industrial 24 VDC Power Supply Specifications
industrial & commercial solutions
www.sixnet.com
xx-Ps-024
IndustrIal 24 VdC Power suPPlIes sPeCIFICatIons
All specifications are subject to change. Consult factory for latest info.
Model
rm-Ps-024-01
et-Ps-024-02
st-Ps-024-05
DC Voltage
24VDC
Rated Current
1 Amp
2 Amps
5 Amps
Current Range
0 - 1 Amps
0 - 2 Amps
0 - 5 Amps
Rated Power
24 Watts
48 Watts
120 Watts
Ripple/Noise (max)
240 mV p-p
480 mV p-p
80 mVp-p
Voltage Adjust
-
21.6 - 26.4 VDC
24 - 28 VDC
Voltage Tolerance
+/- 1%
+/- 1%
+/- 1%
Line Regulation
+/- 0.2%
+/- 1%
+/- 0.5%
Load Regulation
+/- 0.5%
+/- 1%
+/- 1%
Setup & Rise Time
200mS & 30mS
800mS & 60mS
500mS & 70mS
Hold Time (typical)
100mS @ 230 VAC
100mS @ 230 VAC
36mS @ 230 VAC
AC Voltage Range
85 - 264 VAC
88 - 132, 176-264 VAC
DC Voltage Range
120 - 370 VDC
248 - 370 VDC
Frequency Range
47 - 63 Hz
Efficiency (typical)
79%
80%
84%
AC Current (typical)
0.6 Amp @ 115 VAC,
0.4 Amp @ 230 VAC
1.5 Amps @115 VAC,
0.75 Amp @ 230 VAC
2.6 Amps @115 VAC,
1.6Amps @ 230VAC
Inrush Current
Cold start
36 Amps
Cold start
28 Amps @ 115 VAC,
56 Amps @ 230 VAC
Cold start
20 Amps @ 115 VAC,
40 Amps @ 230 VAC
Leakage Current
<0.5 mA @ 240 VAC
<1mA @ 240VAC
<3.5mA @ 240VAC
Over-load
Above 105% rated output,
w/automatic recovery
105 - 150% rated output,
current limiting w/automatic recovery
Over-voltage
28 - 33 VDC shut down output, cycle power to recover
Over-temp.
135oC, shut down ouput
w/automatic recovery
90oC shut down w/automatic recovery
Operation Temp.
-35 to +75oC (derate output 2% per oC above 45oC)
-20 to 70oC (derate output
2% per oC above 45oC)
Storage Temp.
-40 to +85oC
Operation humidity
20 to 90% RH non-condensing
Storage humidity
10 to 95% RH
Temp. coefficient
+/-0.03% per oC
Vibration
10 - 500 Hz; 2G 10 min per cycle; 60m period each along X, Y, Z axes
Safety
CUL (UL508 / CSA C22.2); TUV EN60950-1
Haz. Locations
CUL 1604 (CSA C22.2/213); Class I, Div.2; Groups A, B, C, D
Withstand Volt.
Input to output: 3KVAC; Input to GND: 1.5KVAC; Output to GND: 0.5KVAC
Isolation Resistance
100M Ohms @ 500VDC
EMI Emissions
EN55011, EN55022 (CISPR22) Class B
EMC Immunitiy
EN61000-4-2, 3, 4, 5; light
industry level, critea A
EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV5024; EN50024; EN61000-62
(50082-2); heavy industry level, critera A
Harmonic Current
EN61000-3-2, EN61000-3-3
MTBF
576,000 hours per MIL-
HDBK-217 @ 25oC
365,000 hrs per MIL-
HDBK-217 @25oC
137,000 hrs per MIL-
HDBK-217 @25oC
Packaging
IP30
IP30
IP20
Mounting
DIN rail or flat to panel
DIN rail
Weight
0.5Kg (1.1lbs)
0.31 Kg (0.6lbs)
0.79Kg (1.7lbs)
Dims
See mechanical drawings


유사한 부품 번호 - ST-PS-024-05

제조업체부품명데이터시트상세설명
logo
Red Lion Controls. Inc
ST-PS-024-05 REDLION-ST-PS-024-05 Datasheet
781Kb / 2P
   Rugged Hardware-Based Solution for Fail-Safe Shutdown
More results

유사한 설명 - ST-PS-024-05

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
   Industrial Power Supplies
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
   Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
   Peak Power Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com