전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4720CY 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI4720CY
상세설명  Battery Disconnect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4720CY 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI4720CY Datasheet HTML 1Page - Vishay Siliconix SI4720CY Datasheet HTML 2Page - Vishay Siliconix SI4720CY Datasheet HTML 3Page - Vishay Siliconix SI4720CY Datasheet HTML 4Page - Vishay Siliconix SI4720CY Datasheet HTML 5Page - Vishay Siliconix SI4720CY Datasheet HTML 6Page - Vishay Siliconix SI4720CY Datasheet HTML 7Page - Vishay Siliconix SI4720CY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si4720CY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-6
Document Number: 70664
S-49524—Rev. B, 21-Jul-97
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
10
100
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.01
0
1
80
20
40
60
10
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 125_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
Time (sec)
0.1


유사한 부품 번호 - SI4720CY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
123Kb / 10P
   Battery Disconnect Switch
Rev. C, 13-Jun-11
More results

유사한 설명 - SI4720CY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
   Battery Disconnect Switch
Rev. C, 05-Apr-99
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
   Battery Disconnect Switch
Rev. B, 31-Aug-98
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
   Battery Disconnect Switch
Rev. C, 13-Jun-11
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
   Battery Disconnect Switch
08-Feb-17
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
   Battery Disconnect Switch
Rev. A, 20-Dec-98
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
   Battery Disconnect Switch
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
   36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
   24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com