전자부품 데이터시트 검색엔진 |
|
SN74AVCAH164245KR 데이터시트(PDF) 7 Page - Texas Instruments |
|
SN74AVCAH164245KR 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 15 page SN74AVCAH164245 16BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES396A − JULY 2002 − REVISED MAY 2004 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (continued) (unless otherwise noted) (see Note 9) PARAMETER TEST CONDITIONS VCCA VCCB MIN TYP† MAX UNIT 1.6 V 1.6 V 20 1.95 V 1.95 V 20 ICCA VI = VCCI or GND, IO = 0 2.7 V 2.7 V 30 A ICCA VI = VCCI or GND, IO = 0 0 V 3.6 V −40 µA 3.6 V 0 V 40 3.6 V 3.6 V 40 1.6 V 1.6 V 20 1.95 V 1.95 V 20 ICCB VI = VCCI or GND, IO = 0 2.7 V 2.7 V 30 A ICCB VI = VCCI or GND, IO = 0 0 V 3.6 V 40 µA 3.6 V 0 V −40 3.6 V 3.6 V 40 Ci Control inputs VI = 3.3 V or GND 3.3 V 3.3 V 4 pF Cio A or B ports VO = 3.3 V or GND 3.3 V 3.3 V 5 pF † All typical values are at TA = 25°C. NOTE 9: VCCI is the VCC associated with the input port. switching characteristics over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCCB = 1.5 V ± 0.1 V VCCB = 1.8 V ± 0.15 V VCCB = 2.5 V ± 0.2 V VCCB = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX UNIT tpd A B 1.7 6.7 1.9 6.3 1.8 5.5 1.7 5.8 ns tpd B A 1.8 6.8 2.2 7.4 2.1 7.6 2.1 7.3 ns ten OE A 2.6 8.4 2.7 8.2 2.3 6.3 2.1 5.6 ns ten OE B 2.7 8.6 3.2 10.2 3.2 10.8 3.2 10.7 ns tdis OE A 2.1 7 2.5 7 1.7 5.3 2 6.1 ns tdis OE B 2.1 7.1 2.5 7.1 2.1 6.5 2.1 6.4 ns switching characteristics over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCCB = 1.5 V ± 0.1 V VCCB = 1.8 V ± 0.15 V VCCB = 2.5 V ± 0.2 V VCCB = 3.3 V ± 0.3 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX UNIT tpd A B 1.7 6.4 1.8 6 1.7 4.7 1.6 4.3 ns tpd B A 1.4 5.5 1.8 6 1.8 5.8 1.8 5.5 ns ten OE A 2.5 8 2.7 7.8 2.2 5.8 2 5.1 ns ten OE B 1.8 6.7 2.7 7.8 2.7 8.1 2.7 8.1 ns tdis OE A 2.1 6.4 2.5 6.4 1.5 4.5 1.8 5 ns tdis OE B 2.1 6.6 2.5 6.4 2 5.5 2 5.5 ns |
유사한 부품 번호 - SN74AVCAH164245KR |
|
유사한 설명 - SN74AVCAH164245KR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |